Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B65808K1006D001 Datasheet(PDF) 6 Page - EPCOS

Part # B65808K1006D001
Description  Ferrites and accessories
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65808K1006D001 Datasheet(HTML) 6 Page - EPCOS

Back Button B65808K1006D001 Datasheet HTML 2Page - EPCOS B65808K1006D001 Datasheet HTML 3Page - EPCOS B65808K1006D001 Datasheet HTML 4Page - EPCOS B65808K1006D001 Datasheet HTML 5Page - EPCOS B65808K1006D001 Datasheet HTML 6Page - EPCOS B65808K1006D001 Datasheet HTML 7Page - EPCOS B65808K1006D001 Datasheet HTML 8Page - EPCOS B65808K1006D001 Datasheet HTML 9Page - EPCOS B65808K1006D001 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
0
1/10
Please read Cautions and warnings and
Important notes at the end of this document.
Coil former for SMPS transformers with line isolation
The creepage distances and clearances are designed such that the coil former is suitable for use
in SMPS transformers with line isolation.
Closed center flange with external wire guide
Pins squared in the start-of-winding area
Optimized for use with automatic winding machines
Material:
GFR thermosetting plastic (UL 94 V-0, insulation class to IEC 60085:
H max. operating temperature 180 °C), color code black
Sumikon PM 9630® [E41429 (M)], SUMITOMO BAKELITE CO LTD
Solderability: to IEC 60068-2-20, test Ta, method 1 (aging 3): 235
°C, 2 s
Resistance to soldering heat: to IEC 60068-2-20, test Tb, method 1B: 350
°C, 3.5 s
Winding:
see Data Book 2007, chapter “Processing notes, 2.1”
Sections
AN
mm2
lN
mm
AR value
µΩ
Pins
Ordering code
2
14
30
73
8
B65808
S1108D002
FRM0261-P
ø0,52 max.
6,5+0,15
Erdungspunkte ø1,3+0,1
ø1+0,1
8
1
2
6
4
0,7±0,05
7
3
5
A
C
D
0,7±0,05
Schnitt C-D
Ansicht A
(nur Mittelflansch)
0,2
ø12,3 _
0,1
ø4,75 _
Hole arrangement
View in mounting direction
Ground Ø 1.3+0.1
View A
Section C–D
(only center flange)
B65808
Accessories
RM 6


Similar Part No. - B65808K1006D001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B65808K1006D001 EPCOS-B65808K1006D001 Datasheet
929Kb / 13P
   Ferrites and accessories
More results

Similar Description - B65808K1006D001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66317 EPCOS-B66317_10 Datasheet
471Kb / 8P
   Ferrites and accessories
B66317G0000X130 EPCOS-B66317G0000X130 Datasheet
232Kb / 8P
   Ferrites and accessories
B66233G0000X187 EPCOS-B66233G0000X187 Datasheet
102Kb / 4P
   Ferrites and accessories
B66302G0000X130 EPCOS-B66302G0000X130 Datasheet
243Kb / 5P
   Ferrites and accessories
B66379G0000X130 EPCOS-B66379G0000X130 Datasheet
113Kb / 4P
   Ferrites and accessories
B65841A0063A038 EPCOS-B65841A0063A038 Datasheet
577Kb / 7P
   Ferrites and accessories
B66350G0000X127 EPCOS-B66350G0000X127 Datasheet
129Kb / 4P
   Ferrites and accessories
B66387G0000X127 EPCOS-B66387G0000X127 Datasheet
123Kb / 4P
   Ferrites and accessories
B66432G0000X127 EPCOS-B66432G0000X127 Datasheet
89Kb / 4P
   Ferrites and accessories
B65887 EPCOS-B65887_06 Datasheet
332Kb / 8P
   Ferrites and accessories
B65501 EPCOS-B65501 Datasheet
60Kb / 4P
   Ferrites and accessories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com