Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1772-NM-50-03-FC-PM Datasheet(PDF) 6 Page - Emcore Corporation

Part # 1772-NM-50-03-FC-PM
Description  DWDM High Power CW Source Laser
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

1772-NM-50-03-FC-PM Datasheet(HTML) 6 Page - Emcore Corporation

  1772-NM-50-03-FC-PM Datasheet HTML 1Page - Emcore Corporation 1772-NM-50-03-FC-PM Datasheet HTML 2Page - Emcore Corporation 1772-NM-50-03-FC-PM Datasheet HTML 3Page - Emcore Corporation 1772-NM-50-03-FC-PM Datasheet HTML 4Page - Emcore Corporation 1772-NM-50-03-FC-PM Datasheet HTML 5Page - Emcore Corporation 1772-NM-50-03-FC-PM Datasheet HTML 6Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
DATASHEET | JULY 3, 2008
EMCORE CORPORATION
Model 1772 DWDM High Power
CW Source Laser
Ordering Code Definitions
1772-NM-xx-yy-FC-PM
Example
1772-NM-63-43-FC-PM: 1772, 63 mW minimum output power, ITU channel 43, 1542.94 nm, FC/APC, Panda PM, 400
micron buffer. Please contact Emcore Sales for current ITU wavelength channel availability.
Family Name
High Power CW, 14-Pin, DFB
Wavelength
yy = 02: Non-ITU, 1547 nm – 1560 nm
yy = 03: Non-ITU, 1557 nm – 1560 nm
yy = 04: Non-ITU, 1530 nm – 1560 nm
yy = 15: ITU Channel 15, 1565.50 nm
yy = 16: ITU Channel 16, 1564.68 nm
yy = 61: ITU Channel 61, 1528.77 nm
yy = 62: ITU Channel 62, 1527.99 nm
Matching Options
NM: No Matching
Connector
FC: FC/APC
Information contained herein is deemed to be reliable and accurate as of issue date. EMCORE reserves the right to change the design or specifications of
the product at any time without notice. EMCORE and the EMCORE logo are trademarks of EMCORE Corporation.
1772 Datasheet
Copyright 2008. EMCORE Corporation
EMCORE CORPORATION
2015 West Chestnut Street
Alhambra, California 91803-1542
Tel: 626-293-3400
Fax: 626-293-3428
www.emcore.com
Optical Output Power
xx = 40: 40 mW
xx = 50: 50 mW
xx = 63: 63 mW
Fiber Options
PM: Panda PM, 400
µm


Similar Part No. - 1772-NM-50-03-FC-PM

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
1772-NM-50-03-FC-PM EMCORE-1772-NM-50-03-FC-PM Datasheet
509Kb / 6P
   DWDM High Power CW Source Laser
More results

Similar Description - 1772-NM-50-03-FC-PM

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
1782A EMCORE-1782A Datasheet
181Kb / 6P
   DWDM High Power CW Source Laser
1772-NM-40-02-FC-PM EMCORE-1772-NM-40-02-FC-PM_12 Datasheet
509Kb / 6P
   DWDM High Power CW Source Laser
logo
California Eastern Labs
NX8563LF CEL-NX8563LF_05 Datasheet
456Kb / 10P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE CW LIGHT SOURCE FOR DWDM APPLICATIONS
logo
M/A-COM Technology Solu...
CW0500-CM-OOR MA-COM-CW0500-CM-OOR Datasheet
158Kb / 2P
   High Power CW Laser Diodes
logo
California Eastern Labs
NX8562LF CEL-NX8562LF Datasheet
338Kb / 10P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE CW LIGHT SOURCE FOR DWDM APPLICATIONS
logo
Hamamatsu Corporation
L8411 HAMAMATSU-L8411 Datasheet
72Kb / 2P
   HIGH POWER QUASI-CW LASER DIODE
logo
IC-Haus GmbH
IC-HTG ICHAUS-IC-HTG Datasheet
1,003Kb / 40P
   POWER CW LASER DIODE DRIVER
logo
Hamamatsu Corporation
L9777-02 HAMAMATSU-L9777-02_15 Datasheet
256Kb / 2P
   CW laser diodes
L8933 HAMAMATSU-L8933 Datasheet
126Kb / 4P
   CW LASER DIODES
L11408 HAMAMATSU-L11408_15 Datasheet
215Kb / 2P
   High-power Laser Diode CW Stack Bar Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com