Electronic Components Datasheet Search |
|
JRC2351 Datasheet(PDF) 1 Page - IDEA.lnc. |
|
JRC2351 Datasheet(HTML) 1 Page - IDEA.lnc. |
|
1 / 1 page Specifications subject to change without notice. Dimensions are in mm±0.3 unless stated otherwise. IDEA, Inc., 1351 Titan Way, Brea, CA 92821 Ph:714-525-3302, 800-LED-IDEA; Fax: 714-525-3304 0508 J–20 J & K Series Thru Hole LEDs J Series, Blue Clear and Diffused, Water Clear LED, 2351 Series Small Flange T-1, 3mm Round The J series lamps are made with AlInGaP chips which can be used for standard brightness at low current (2mA) or super brightness at standard current (20mA). This package is compatible with our extensive line of T 1 indicators. The Blue LEDs are made with GaN/SiC (428nM) and InGaN/SiC (468nM) chips. Blue should only be used when this colors are necessary for the application and higher cost is acceptable. GENERAL INFORMATION Operating Temperature Range -30 °C to +85 °C Storage Temperature Range -55 °C to +100 °C Reflow Soldering Temperature 260 °C for 5 sec max APPLICATION INFORMATION (ALL RATINGS AT 25 °C AMBIENT) Part No. Emitted Color Peak ∆λ Absolute Maximum Ratings E/O Characteristics λ Pd If (mA) Ir Vr Iv (mcd) @If=20mA Vf (V) @ If=20mA 2Θ1/2 (nM) (nM) (mW) dc 1/10 duty @ 1 khz @Vr=5V (µA) (V) 2mA Min Typ Min Typ (Deg) JRC2351 Red 632 20 60 25 160 10 5 6 40 110 2.0 2.4 40 JGC2351 Green 575 20 60 25 160 10 5 3 40 50 2.0 2.4 40 JYC2351 Yellow 591 15 60 25 160 10 5 7 50 130 2.0 2.4 40 JOC2351 Orange 621 18 60 25 160 10 5 7 50 130 2.0 2.4 40 JEC2351 Red 639 20 60 25 160 10 5 5 40 80 2.0 2.4 40 JYOC2351 YelOrng 611 17 60 25 160 10 5 7 50 130 2.0 2.4 40 IUBC2351 Blue 428 65 140 25 70 50 5 - 63 100 3.8 4.5 40 IUBC2351-7 Blue 468 26 120 25 - 50 5 - 150 300 3.5 4.0 40 IUBD2351 BlueDiff 428 65 140 25 70 10 5 - 8 12 3.8 4.5 60 0.5 typ 3.15 26.4 min 1.0 min 2.54 1.0±.2 3.0±.2 4.5±.3 2351 Series Anode |
Similar Part No. - JRC2351 |
|
Similar Description - JRC2351 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |