Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1612A-079-NO-06 Datasheet(PDF) 3 Page - Emcore Corporation

Part # 1612A-079-NO-06
Description  1310 nm DFB Laser Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

1612A-079-NO-06 Datasheet(HTML) 3 Page - Emcore Corporation

  1612A-079-NO-06 Datasheet HTML 1Page - Emcore Corporation 1612A-079-NO-06 Datasheet HTML 2Page - Emcore Corporation 1612A-079-NO-06 Datasheet HTML 3Page - Emcore Corporation 1612A-079-NO-06 Datasheet HTML 4Page - Emcore Corporation 1612A-079-NO-06 Datasheet HTML 5Page - Emcore Corporation 1612A-079-NO-06 Datasheet HTML 6Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
EMCORE CORPORATION
DATASHEET| DECEMBER 29, 2007
1612A/B 1310 nm DFB Laser Module
Electrical Schematics
Figure 1. 1612A/B Laser Schematic
Figure 2. 1612A/B Circuit Schematic


Similar Part No. - 1612A-079-NO-06

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
1612A-079-NO-06 EMCORE-1612A-079-NO-06 Datasheet
607Kb / 6P
   1310 nm DFB Laser Module
1612A-079-NO-06 EMCORE-1612A-079-NO-06 Datasheet
664Kb / 6P
   1612A/B 1310 nm DFB Laser Module
More results

Similar Description - 1612A-079-NO-06

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
1612A-079-FC-04 EMCORE-1612A-079-FC-04_12 Datasheet
607Kb / 6P
   1310 nm DFB Laser Module
1614-SC-WW-02 EMCORE-1614-SC-WW-02 Datasheet
229Kb / 6P
   1310 nm DFB Laser Module
1688 EMCORE-1688 Datasheet
753Kb / 5P
   1688 1310 nm DFB Laser Module
1615A EMCORE-1615A Datasheet
648Kb / 4P
   1615A 1310 nm DFB Laser Module
1612AB1 EMCORE-1612AB1 Datasheet
664Kb / 6P
   1612A/B 1310 nm DFB Laser Module
logo
Optoway Technology Inc
DL-3100 OPTOWAY-DL-3100_07 Datasheet
119Kb / 3P
   1310 nm DFB LASER DIODES
logo
Source Photonics, Inc.
C-13-DFBA-PB-SFC SOURCE-C-13-DFBA-PB-SFC Datasheet
485Kb / 3P
   Analog 1310 nm MQW-DFB Laser Diode Module
logo
Optoway Technology Inc
DL-3100 OPTOWAY-DL-3100 Datasheet
110Kb / 2P
   1310 nm DFB LASER DIODES MQW-DFB LASER DIODES
logo
Source Photonics, Inc.
C-13-DFB2.5-TD-SFCL SOURCE-C-13-DFB2.5-TD-SFCL Datasheet
1Mb / 7P
   1310 nm 2.5 MQW-DFB Laser Diode Module
logo
Emcore Corporation
G1033-020 EMCORE-G1033-020 Datasheet
485Kb / 3P
   1310 nm GPON DFB Laser Chip
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com