Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JYOC2351 Datasheet(PDF) 1 Page - IDEA.lnc.

Part # JYOC2351
Description  Blue Clear and Diffused, Water Clear LED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEA [IDEA.lnc.]
Direct Link  http://www.ledidea.com
Logo IDEA - IDEA.lnc.

JYOC2351 Datasheet(HTML) 1 Page - IDEA.lnc.

  JYOC2351 Datasheet HTML 1Page - IDEA.lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice. Dimensions are in mm±0.3 unless stated otherwise.
IDEA, Inc., 1351 Titan Way, Brea, CA 92821 Ph:714-525-3302, 800-LED-IDEA; Fax: 714-525-3304 0508
J–20
J & K Series Thru Hole LEDs
J Series, Blue Clear and Diffused, Water Clear LED,
2351 Series Small Flange T-1, 3mm Round
The J series lamps are made with AlInGaP chips which can be used for standard brightness at low current (2mA) or super brightness at
standard current (20mA). This package is compatible with our extensive line of T 1 indicators. The Blue LEDs are made with GaN/SiC
(428nM) and InGaN/SiC (468nM) chips. Blue should only be used when this colors are necessary for the application and higher cost is
acceptable.
GENERAL INFORMATION
Operating Temperature Range
-30 °C to +85 °C
Storage Temperature Range
-55 °C to +100 °C
Reflow Soldering Temperature
260 °C for 5 sec max
APPLICATION INFORMATION (ALL RATINGS AT 25 °C AMBIENT)
Part No.
Emitted
Color
Peak
∆λ
Absolute Maximum Ratings
E/O Characteristics
λ
Pd
If (mA)
Ir
Vr
Iv (mcd)
@If=20mA
Vf (V)
@ If=20mA
1/2
(nM)
(nM)
(mW)
dc
1/10 duty
@ 1 khz
@Vr=5V
(µA)
(V)
2mA
Min
Typ
Min
Typ
(Deg)
JRC2351
Red
632
20
60
25
160
10
5
6
40
110
2.0
2.4
40
JGC2351
Green
575
20
60
25
160
10
5
3
40
50
2.0
2.4
40
JYC2351
Yellow
591
15
60
25
160
10
5
7
50
130
2.0
2.4
40
JOC2351
Orange
621
18
60
25
160
10
5
7
50
130
2.0
2.4
40
JEC2351
Red
639
20
60
25
160
10
5
5
40
80
2.0
2.4
40
JYOC2351
YelOrng
611
17
60
25
160
10
5
7
50
130
2.0
2.4
40
IUBC2351
Blue
428
65
140
25
70
50
5
-
63
100
3.8
4.5
40
IUBC2351-7
Blue
468
26
120
25
-
50
5
-
150
300
3.5
4.0
40
IUBD2351
BlueDiff
428
65
140
25
70
10
5
-
8
12
3.8
4.5
60
0.5
typ
3.15
26.4 min
1.0 min
2.54
1.0±.2
3.0±.2
4.5±.3
2351 Series
Anode


Similar Part No. - JYOC2351

ManufacturerPart #DatasheetDescription
logo
IDEA.lnc.
JYOC0118 IDEA-JYOC0118 Datasheet
36Kb / 2P
   LED LAMPS
JYOC0118 IDEA-JYOC0118 Datasheet
30Kb / 1P
   J Series Surface Mount LEDs
JYOC0125 IDEA-JYOC0125 Datasheet
26Kb / 1P
   Low Profile Right Angle Lens
JYOC0128 IDEA-JYOC0128 Datasheet
26Kb / 1P
   Right Angle Lens
JYOC0158 IDEA-JYOC0158 Datasheet
29Kb / 1P
   Surface Mount LED
More results

Similar Description - JYOC2351

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYL-48D4UWC1E-UWW FORYARD-FYL-48D4UWC1E-UWW Datasheet
281Kb / 5P
   Water clear led
FYL-5014BGC1C FORYARD-FYL-5014BGC1C Datasheet
280Kb / 5P
   Water clear led
FYL-5014UWC1C-15 FORYARD-FYL-5014UWC1C-15 Datasheet
280Kb / 5P
   Water clear led
FYL-5023SUYC1A FORYARD-FYL-5023SUYC1A_15 Datasheet
272Kb / 5P
   Water clear led
FYL-5043LUYC1E FORYARD-FYL-5043LUYC1E Datasheet
272Kb / 5P
   Water clear led
FYL-5484UWC1A FORYARD-FYL-5484UWC1A Datasheet
279Kb / 5P
   Water clear led
FYL-8014UWC1B FORYARD-FYL-8014UWC1B_15 Datasheet
280Kb / 5P
   Water clear led
FYL-10013SUYC1A FORYARD-FYL-10013SUYC1A_15 Datasheet
272Kb / 5P
   Water clear led
logo
IDEA.lnc.
KRC4251-5 IDEA-KRC4251-5 Datasheet
24Kb / 1P
   Water Clear LED
logo
Ningbo Foryard Optoelec...
FYL-5043LURC1G FORYARD-FYL-5043LURC1G Datasheet
270Kb / 5P
   Water clear led
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com