Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B81192C3124K Datasheet(PDF) 2 Page - EPCOS

Part # B81192C3124K
Description  Film Capacitors EMI Suppression Capacitors (MKP)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B81192C3124K Datasheet(HTML) 2 Page - EPCOS

  B81192C3124K Datasheet HTML 1Page - EPCOS B81192C3124K Datasheet HTML 2Page - EPCOS B81192C3124K Datasheet HTML 3Page - EPCOS B81192C3124K Datasheet HTML 4Page - EPCOS B81192C3124K Datasheet HTML 5Page - EPCOS B81192C3124K Datasheet HTML 6Page - EPCOS B81192C3124K Datasheet HTML 7Page - EPCOS B81192C3124K Datasheet HTML 8Page - EPCOS B81192C3124K Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Typical applications
X3 class for interference suppression
"Across the line" applications
Climatic
Max. operating temperature: 85
°C
Climatic category (IEC 60068-1): 40/085/56
Construction
Dielectric: polypropylene (MKP)
Epoxy resin coating (UL 94 V-0)
Features
High load currents
Self-healing properties
Sine-wave voltage
High rate of voltage rise Vpp/
τ
Terminals
Crimped wire leads, lead-free tinned
(lead length 6
1 mm)
Parallel wire leads, lead-free tinned
(lead length 17
±3 mm)
Special lead lengths available on request
Marking
Minimum marking:
Manufacturer's logo, rated cap. (coded),
capacitance tolerance (code letter),
date code, rated AC voltage
(see also chapter "Marking and ordering code
system")
Delivery mode
Bulk (untaped)
Note
Sub-class X3 corresponds to sub-class X2 as
described in IEC 60384-14 (1st edition).
Dimensions in mm
Lead spacing
±0.5
Lead diameter d1
10 ... 27.5
0.8
EMI suppression capacitors (MKP)
B81192
X3 / 250 V AC
Page 2 of 16
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B81192C3124K

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B81192C3124 TDK-B81192C3124 Datasheet
286Kb / 16P
   Film Capacitors EMI Suppression Capacitors (MKP)
More results

Similar Description - B81192C3124K

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32021 EPCOS-B32021 Datasheet
300Kb / 18P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32922C3104M783 EPCOS-B32922C3104M783 Datasheet
312Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32921C EPCOS-B32921C_12 Datasheet
356Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B32032 TDK-B32032 Datasheet
634Kb / 25P
   Film Capacitors EMI Suppression Capacitors (MKP)
November 2019
logo
EPCOS
B32923E EPCOS-B32923E Datasheet
315Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B81192 TDK-B81192 Datasheet
286Kb / 16P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
EPCOS
B32921C3103M289 EPCOS-B32921C3103M289 Datasheet
355Kb / 18P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32921 EPCOS-B32921 Datasheet
256Kb / 9P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B32922H TDK-B32922H Datasheet
308Kb / 21P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
EPCOS
B32911 EPCOS-B32911_10 Datasheet
315Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32911 EPCOS-B32911_09 Datasheet
310Kb / 16P
   Film Capacitors EMI Suppression Capacitors (MKP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com