Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LYG85292-S1-PF Datasheet(PDF) 7 Page - LIGITEK electronics co., ltd.

Part # LYG85292-S1-PF
Description  DUAL COLOR LED LAMPS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LYG85292-S1-PF Datasheet(HTML) 7 Page - LIGITEK electronics co., ltd.

  LYG85292-S1-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LYG85292-S1-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LYG85292-S1-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LYG85292-S1-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LYG85292-S1-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LYG85292-S1-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LYG85292-S1-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
The purpose of this test is the resistance
of the device under tropical for hours.
1.Ta=65
℃±5
2.RH=90 %~95%
3.t=240hrs
±2hrs
High Temperature
High Humidity Test
MIL-STD-202:103B
JIS C 7021: B-11
The purpose of this is the resistance of
the device to sudden extreme changes
in high and low temperature.
This test intended to determine the
thermal characteristic resistance
of the device to sudden exposures
at extreme changes in temperature
when soldering the lead wire.
This test intended to see soldering well
performed or not.
1.T.Sol=230
℃±5
2.Dwell time=5
±1sec
Solderability Test
1.Ta=105
℃±5&-40℃±5
(10min) (10min)
2.total 10 cycles
1.T.Sol=260
℃±5
2.Dwell time= 10
±1sec.
Solder Resistance
Test
Thermal Shock Test
MIL-STD-202: 208D
MIL-STD-750: 2026
MIL-STD-883: 2003
JIS C 7021: A-2
MIL-STD-202: 107D
MIL-STD-750: 1051
MIL-STD-883: 1011
MIL-STD-202: 210A
MIL-STD-750: 2031
JIS C 7021: A-1
Description
The purpose of this is the resistance
of the device which is laid under
condition of low temperature for hours.
The purpose of this is the resistance of
the device which is laid under condition
of high temperature for hours.
This test is conducted for the purpose
of detemining the resistance of a part
in electrical and themal stressed.
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
1.Under Room Temperature
2.If=20mA
3.t=1000 hrs (-24hrs, +72hrs)
1.Ta=-40
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
Low Temperature
Storage Test
1.Ta=105
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
High Temperature
Storage Test
Reliability Test:
Test Condition
Operating Life Test
Test Item
MIL-STD-750: 1026
MIL-STD-883: 1005
JIS C 7021: B-1
JIS C 7021: B-12
MIL-STD-883:1008
JIS C 7021: B-10
Reference
Standard
6/6
Page
PART NO. LYG85292/S1-PF


Similar Part No. - LYG85292-S1-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LYG85762-R1-PF LIGITEK-LYG85762-R1-PF Datasheet
150Kb / 7P
   RECTANGLE TYPE LED LAMPS
LYG85762/R1-PF LIGITEK-LYG85762/R1-PF Datasheet
150Kb / 7P
   RECTANGLE TYPE LED LAMPS
More results

Similar Description - LYG85292-S1-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LHRF9UG2692-R12-PF LIGITEK-LHRF9UG2692-R12-PF Datasheet
149Kb / 7P
   DUAL COLOR LED LAMPS
LHRF9UG23092-P1 LIGITEK-LHRF9UG23092-P1 Datasheet
88Kb / 6P
   DUAL COLOR LED LAMPS
LHRF9UG42292-R1-PF LIGITEK-LHRF9UG42292-R1-PF Datasheet
125Kb / 7P
   DUAL COLOR LED LAMPS
LHRF9UG42293-S14-PF LIGITEK-LHRF9UG42293-S14-PF Datasheet
113Kb / 7P
   DUAL COLOR LED LAMPS
LHY9UG34063-R1-PF LIGITEK-LHY9UG34063-R1-PF Datasheet
129Kb / 7P
   DUAL COLOR LED LAMPS
LSBKS9UG2093 LIGITEK-LSBKS9UG2093 Datasheet
125Kb / 7P
   DUAL COLOR LED LAMPS
LSRF9UG42292-R1-PF LIGITEK-LSRF9UG42292-R1-PF Datasheet
125Kb / 7P
   DUAL COLOR LED LAMPS
LSRFSBK2093-R1-PF LIGITEK-LSRFSBK2093-R1-PF Datasheet
161Kb / 7P
   DUAL COLOR LED LAMPS
LSRFSBKS3393-R1 LIGITEK-LSRFSBKS3393-R1 Datasheet
122Kb / 7P
   DUAL COLOR LED LAMPS
LSRFVG2092-R1 LIGITEK-LSRFVG2092-R1 Datasheet
110Kb / 6P
   DUAL COLOR LED LAMPS
LSRFVY3392-R1-PF LIGITEK-LSRFVY3392-R1-PF Datasheet
126Kb / 7P
   DUAL COLOR LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com