Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1612B-110-NO-22 Datasheet(PDF) 5 Page - Emcore Corporation

Part # 1612B-110-NO-22
Description  1310 nm DFB Laser Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

1612B-110-NO-22 Datasheet(HTML) 5 Page - Emcore Corporation

  1612B-110-NO-22 Datasheet HTML 1Page - Emcore Corporation 1612B-110-NO-22 Datasheet HTML 2Page - Emcore Corporation 1612B-110-NO-22 Datasheet HTML 3Page - Emcore Corporation 1612B-110-NO-22 Datasheet HTML 4Page - Emcore Corporation 1612B-110-NO-22 Datasheet HTML 5Page - Emcore Corporation 1612B-110-NO-22 Datasheet HTML 6Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
EMCORE CORPORATION
DATASHEET| DECEMBER 29, 2007
1612A/B 1310 nm DFB Laser Module
Laser Safety
This product meets the appropriate standard in Title 21 of the Code of Federal Regulations (CFR). FDA/CDRH
Class IIIb laser product. This device has been classified with the FDA/CDRH under accession number 0220191.
All Versions of this laser are Class 3B laser product, tested according to IEC 60825-1:1993 + A1:1997 +
A2:2001 / EN 60825-1:1994 + A2:2001 + A1:2002
Single-mode fiber pigtail with SC/APC connectors (standard).
Wavelength = 1.3
µm.
Maximum power = 50 mW.
Because of size constraints, laser safety labeling (including an FDA class IIIb label) is not affixed to the module,
but attached to the outside of the shipping carton.
Product is not shipped with power supply.
Caution: Use of controls, adjustments and procedures other than those specified herein may result in
hazardous laser radiation exposure.
DANGER
INVI SIBLE LASER RADI ATION
IS EMITTED FROM THE END
O F FIBER OR CONNECTO R
Avoid di rect exposure to beam
Do not view beam directly wi th
optical instr uments
INVISIBLE LASER RADIAT ION EMITTED FROM END OF FIBER OR CONNECTOR
Avoidexposureto beam
Class3BLaser Product IEC-608251993
Max. Output:50mW
Wavelength: 1.3µm
DANGER
INVISIBLELASERRADIATION
Max. Output:50mW,
ClassIIIb Laser Product
AVOIDDIRECT EXPOSURETOBEAM
W
avelength: 1.3 µm


Similar Part No. - 1612B-110-NO-22

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
1612B-110-NO-22 EMCORE-1612B-110-NO-22 Datasheet
607Kb / 6P
   1310 nm DFB Laser Module
More results

Similar Description - 1612B-110-NO-22

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
1612A-079-FC-04 EMCORE-1612A-079-FC-04_12 Datasheet
607Kb / 6P
   1310 nm DFB Laser Module
1614-SC-WW-02 EMCORE-1614-SC-WW-02 Datasheet
229Kb / 6P
   1310 nm DFB Laser Module
1688 EMCORE-1688 Datasheet
753Kb / 5P
   1688 1310 nm DFB Laser Module
1615A EMCORE-1615A Datasheet
648Kb / 4P
   1615A 1310 nm DFB Laser Module
1612AB1 EMCORE-1612AB1 Datasheet
664Kb / 6P
   1612A/B 1310 nm DFB Laser Module
logo
Optoway Technology Inc
DL-3100 OPTOWAY-DL-3100_07 Datasheet
119Kb / 3P
   1310 nm DFB LASER DIODES
logo
Source Photonics, Inc.
C-13-DFBA-PB-SFC SOURCE-C-13-DFBA-PB-SFC Datasheet
485Kb / 3P
   Analog 1310 nm MQW-DFB Laser Diode Module
logo
Optoway Technology Inc
DL-3100 OPTOWAY-DL-3100 Datasheet
110Kb / 2P
   1310 nm DFB LASER DIODES MQW-DFB LASER DIODES
logo
Source Photonics, Inc.
C-13-DFB2.5-TD-SFCL SOURCE-C-13-DFB2.5-TD-SFCL Datasheet
1Mb / 7P
   1310 nm 2.5 MQW-DFB Laser Diode Module
logo
Emcore Corporation
G1033-020 EMCORE-G1033-020 Datasheet
485Kb / 3P
   1310 nm GPON DFB Laser Chip
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com