Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1612A-079-FC-28 Datasheet(PDF) 6 Page - Emcore Corporation

Part # 1612A-079-FC-28
Description  1310 nm DFB Laser Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

1612A-079-FC-28 Datasheet(HTML) 6 Page - Emcore Corporation

  1612A-079-FC-28 Datasheet HTML 1Page - Emcore Corporation 1612A-079-FC-28 Datasheet HTML 2Page - Emcore Corporation 1612A-079-FC-28 Datasheet HTML 3Page - Emcore Corporation 1612A-079-FC-28 Datasheet HTML 4Page - Emcore Corporation 1612A-079-FC-28 Datasheet HTML 5Page - Emcore Corporation 1612A-079-FC-28 Datasheet HTML 6Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
EMCORE CORPORATION
DATASHEET| DECEMBER 29, 2007
1612A/B 1310 nm DFB Laser Module
Ordering Information
Contact Emcore for ordering information at 626-293-3400.
Ordering Code Definitions
1612x - www - yy - zz
Example:
1612A-110-SC-10: DFB 1310nm, Standard Performance, 110 Channel NTSC, SC/APC Connector, 10mW
Family name
Analog 1310 nm, DFB, Laser
Distortion Performance
x = A: Standard Performance
x = B: Enhanced Performance
Frequency Plan
www = 079: 79 Channel NTSC
www = 110: 110 Channel NTSC
Optical Connector
yy = FC: FC/APC
yy = SC: SC/APC
yy = NO: No Connector
Optical Power, min.
zz = 04: 4 mW
zz = 16: 16 mW
zz = 06: 6 mW
zz = 20: 20 mW
zz = 08: 8 mW
zz = 22: 22 mW
zz = 10: 10 mW
zz = 25: 25 mW
zz = 13: 13 mW
zz = 28: 28 mW
zz = 31: 31 mW
Information contained herein is deemed to be reliable and accurate as of issue date. EMCORE reserves the right to change the design or specifications of
the product at any time without notice. EMCORE and the EMCORE logo are trademarks of EMCORE Corporation.
ds.1612AB
 Copyright 2007. EMCORE Corporation
EMCORE CORPORATION
2015 West Chestnut Street
Alhambra, California 91803-1542
Tel: 626-293-3400
Fax: 626-293-3428
www.emcore.com


Similar Part No. - 1612A-079-FC-28

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
1612A-079-FC-28 EMCORE-1612A-079-FC-28 Datasheet
607Kb / 6P
   1310 nm DFB Laser Module
More results

Similar Description - 1612A-079-FC-28

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
1612A-079-FC-04 EMCORE-1612A-079-FC-04_12 Datasheet
607Kb / 6P
   1310 nm DFB Laser Module
1614-SC-WW-02 EMCORE-1614-SC-WW-02 Datasheet
229Kb / 6P
   1310 nm DFB Laser Module
1688 EMCORE-1688 Datasheet
753Kb / 5P
   1688 1310 nm DFB Laser Module
1615A EMCORE-1615A Datasheet
648Kb / 4P
   1615A 1310 nm DFB Laser Module
1612AB1 EMCORE-1612AB1 Datasheet
664Kb / 6P
   1612A/B 1310 nm DFB Laser Module
logo
Optoway Technology Inc
DL-3100 OPTOWAY-DL-3100_07 Datasheet
119Kb / 3P
   1310 nm DFB LASER DIODES
logo
Source Photonics, Inc.
C-13-DFBA-PB-SFC SOURCE-C-13-DFBA-PB-SFC Datasheet
485Kb / 3P
   Analog 1310 nm MQW-DFB Laser Diode Module
logo
Optoway Technology Inc
DL-3100 OPTOWAY-DL-3100 Datasheet
110Kb / 2P
   1310 nm DFB LASER DIODES MQW-DFB LASER DIODES
logo
Source Photonics, Inc.
C-13-DFB2.5-TD-SFCL SOURCE-C-13-DFB2.5-TD-SFCL Datasheet
1Mb / 7P
   1310 nm 2.5 MQW-DFB Laser Diode Module
logo
Emcore Corporation
G1033-020 EMCORE-G1033-020 Datasheet
485Kb / 3P
   1310 nm GPON DFB Laser Chip
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com