Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1622-E2-BB-D1-1291-10 Datasheet(PDF) 5 Page - Emcore Corporation

Part # 1622-E2-BB-D1-1291-10
Description  CWDM DFB Laser Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

1622-E2-BB-D1-1291-10 Datasheet(HTML) 5 Page - Emcore Corporation

  1622-E2-BB-D1-1291-10 Datasheet HTML 1Page - Emcore Corporation 1622-E2-BB-D1-1291-10 Datasheet HTML 2Page - Emcore Corporation 1622-E2-BB-D1-1291-10 Datasheet HTML 3Page - Emcore Corporation 1622-E2-BB-D1-1291-10 Datasheet HTML 4Page - Emcore Corporation 1622-E2-BB-D1-1291-10 Datasheet HTML 5Page - Emcore Corporation 1622-E2-BB-D1-1291-10 Datasheet HTML 6Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
DATA SHEET
| MAY 25, 2006
ORTEL, A division of EMCORE
1622 CWDM DFB Laser Component
Pin Definitions
Laser Safety
This product meets the appropriate standard in Title 21 of the Code of Federal Regulations (CFR). FDA/CDRH
Class IIIb laser product. This device has been classified with the FDA/CDRH under accession number 0220191.
Single-mode fiber pigtail with SC/APC connectors (standard).
Wavelength = 1.3
μm.
Maximum power = 50 mW.
Because of size constraints, laser safety labeling (including an FDA class IIIb label) is not affixed to the module,
but attached to the outside of the shipping carton.
Product is not shipped with power supply.
Caution: Use of controls, adjustments and procedures other than those specified herein may result in
hazardous laser radiation exposure.
Pin
Description
1
Thermistor
2
Thermistor
3
Dc Laser Bias (-)
4
MPD Anode (-)
5
MPD Cathode (+)
6
Thermal Electric Cooler (+)
7
Thermal Electric Cooler (-)
8
Case Ground
9
Case Ground
10
NC
11
Laser Common (+)
12
Laser Modulation (-)
13
Laser Common (+)
14
NC
DANGER
INVI SIBLE LASER RADIATION
IS EMITTED FROM THE END
O F FIBER OR CONNECTOR
Avoid direct exposure to beam
Do not view beam directly with
optical instr uments
INVISIBLE LASER RADIAT ION EMITTED FROM END OF FIBER OR CONNECTOR
Avoidexposureto beam
Class3BLaser Product IEC-608251993
Max. Output:50mW
Wavelength: 1.3μm
DANGER
INVISIBLELASERRADIATION
Max. Output:50mW,
ClassIIIb Laser Product
AVOIDDIRECT EXPOSURETOBEAM
W
avelength: 1.3 μm


Similar Part No. - 1622-E2-BB-D1-1291-10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1622-2 ETC2-1622-2 Datasheet
336Kb / 1P
   SWAGE THREADED STANDOFFS
1622-2 ETC2-1622-2 Datasheet
336Kb / 1P
   SWAGE/FORCE FIT STANDOFFS
More results

Similar Description - 1622-E2-BB-D1-1291-10

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
1622 EMCORE-1622 Datasheet
635Kb / 6P
   1622 CWDM DFB Laser Module
logo
Optoway Technology Inc
DL-5100-CXX0 OPTOWAY-DL-5100-CXX0 Datasheet
110Kb / 2P
   1270 nm ~ 1610 nm DFB LASER DIODES CWDM MQW-DFB LASER DIODES
DL-5100-CXX0 OPTOWAY-DL-5100-CXX0_07 Datasheet
119Kb / 3P
   1270 nm ~ 1610 nm DFB LASER DIODES CWDM MQW-DFB LASER DIODES
DL-5100S-CXX0 OPTOWAY-DL-5100S-CXX0 Datasheet
110Kb / 2P
   1270 nm ~ 1610 nm DFB LASER DIODES 2.5 Gbps CWDM MQW-DFB LASER DIODES
DL-5300S-1625 OPTOWAY-DL-5300S-1625 Datasheet
91Kb / 2P
   1625 nm DFB LASER DIODE MODULE 1625 nm DFB LASER DIODE MODULE
logo
Emcore Corporation
1612A-079-FC-04 EMCORE-1612A-079-FC-04_12 Datasheet
607Kb / 6P
   1310 nm DFB Laser Module
1614-SC-WW-02 EMCORE-1614-SC-WW-02 Datasheet
229Kb / 6P
   1310 nm DFB Laser Module
1542 EMCORE-1542 Datasheet
787Kb / 4P
   Microwave DFB Laser Microwave DFB Laser
1612A-079-FC-04 EMCORE-1612A-079-FC-04 Datasheet
167Kb / 6P
   1310 nm DFB Laser Module
logo
Source Photonics, Inc.
C-15-DFB-P-SSC2I-APC-O-01 SOURCE-C-15-DFB-P-SSC2I-APC-O-01 Datasheet
385Kb / 3P
   1550nm MQW-DFB Laser Diode Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com