Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1933F-B-A-SA-09-B Datasheet(PDF) 2 Page - Emcore Corporation

Part # 1933F-B-A-SA-09-B
Description  1310 nm CATV Coaxial DFB Laser Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

1933F-B-A-SA-09-B Datasheet(HTML) 2 Page - Emcore Corporation

  1933F-B-A-SA-09-B Datasheet HTML 1Page - Emcore Corporation 1933F-B-A-SA-09-B Datasheet HTML 2Page - Emcore Corporation 1933F-B-A-SA-09-B Datasheet HTML 3Page - Emcore Corporation 1933F-B-A-SA-09-B Datasheet HTML 4Page - Emcore Corporation 1933F-B-A-SA-09-B Datasheet HTML 5Page - Emcore Corporation 1933F-B-A-SA-09-B Datasheet HTML 6Page - Emcore Corporation 1933F-B-A-SA-09-B Datasheet HTML 7Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DATASHEET| FEBRUARY 20, 2008
EMCORE CORPORATION
Model 1933F 1310 nm CATV Coaxial DFB
Laser Diode
Absolute Maximum Ratings
1
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are
absolute stress ratings only. Functional operation of the device is not implied at these or any other conditions in
excess of those given in the operational sections of the data sheet. Exposure to absolute maximum ratings for
extended periods can adversely affect device reliability.
Parameters
Symbol
Condition/Notes
MIN
MAX
Unit
Storage Temperature
TSTG
Non-Operating
-40
85
oC
Operating Case Temperature
TOP
Continuous
-40
80
oC
Laser Diode Forward Current
IOP
CW
-
100
mA
Laser Diode Reverse Voltage
VR
Continuous
-
1.0
V
Photodiode Forward Current
IMPD
Continuous
-
2
mA
Photodiode Reverse Voltage
VMPD,R
Continuous
-
10
V
Average RF Input Power
PIN
60 Seconds
-
62
dBmV
Lead Soldering Temperature/Time
-
-
-
260/10
oC/sec
Relative Humidity
RH
Continuous
-
85
%
ESD
-
Human Body Model
-500
+500
V
1.
Absolute maximum data are limited to system design only; proper device performance is not guaranteed over rating listed above. Operation
beyond these maximum conditions may degrade device performance, lead to device failure, shorter lifetime, and will invalidate the device
warranty.


Similar Part No. - 1933F-B-A-SA-09-B

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
1933F-B-DI-A-FA-03-B EMCORE-1933F-B-DI-A-FA-03-B Datasheet
480Kb / 6P
   Coaxial DFB Laser Diode
1933F-B-DI-A-FA-03-B EMCORE-1933F-B-DI-A-FA-03-B Datasheet
485Kb / 6P
   1933 F/R/W Coaxial DFB Laser Diode
1933F-B-DI-A-FA-03-N EMCORE-1933F-B-DI-A-FA-03-N Datasheet
480Kb / 6P
   Coaxial DFB Laser Diode
1933F-B-DI-A-FA-03-N EMCORE-1933F-B-DI-A-FA-03-N Datasheet
485Kb / 6P
   1933 F/R/W Coaxial DFB Laser Diode
1933F-B-DI-A-FA-05-B EMCORE-1933F-B-DI-A-FA-05-B Datasheet
480Kb / 6P
   Coaxial DFB Laser Diode
More results

Similar Description - 1933F-B-A-SA-09-B

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
1612A-079-FC-04 EMCORE-1612A-079-FC-04_12 Datasheet
607Kb / 6P
   1310 nm DFB Laser Module
1614-SC-WW-02 EMCORE-1614-SC-WW-02 Datasheet
229Kb / 6P
   1310 nm DFB Laser Module
1612A-079-FC-04 EMCORE-1612A-079-FC-04 Datasheet
167Kb / 6P
   1310 nm DFB Laser Module
logo
Optoway Technology Inc
DL-3100 OPTOWAY-DL-3100_07 Datasheet
119Kb / 3P
   1310 nm DFB LASER DIODES
logo
NEC
NDL7660P NEC-NDL7660P Datasheet
69Kb / 6P
   1310 nm OPTICAL CATV/ANALOG APPLICATIONS InGaAsP MQW-DFB LASER DIODE MODULE
NDL7670P NEC-NDL7670P Datasheet
69Kb / 6P
   1310 nm OPTICAL CATV/ANALOG APPLICATIONS InGaAsP MQW-DFB LASER DIODE MODULE
NDL7672P NEC-NDL7672P Datasheet
50Kb / 6P
   1310 nm OPTICAL CATV/ANALOG APPLICATIONS InGaAsP MQW-DFB LASER DIODE MODULE
NDL7673P NEC-NDL7673P Datasheet
55Kb / 6P
   1310 nm OPTICAL CATV/ANALOG APPLICATIONS InGaAsP MQW-DFB LASER DIODE MODULE
logo
Optoway Technology Inc
DL-3100 OPTOWAY-DL-3100 Datasheet
110Kb / 2P
   1310 nm DFB LASER DIODES MQW-DFB LASER DIODES
logo
California Eastern Labs
NX8304BE CEL-NX8304BE Datasheet
106Kb / 5P
   NECs 1310 nm InGaAsP MQW-DFB LASER DIODE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com