Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1933F-B-A-FA-10-N Datasheet(PDF) 1 Page - Emcore Corporation

Part # 1933F-B-A-FA-10-N
Description  1310 nm CATV Coaxial DFB Laser Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

1933F-B-A-FA-10-N Datasheet(HTML) 1 Page - Emcore Corporation

  1933F-B-A-FA-10-N Datasheet HTML 1Page - Emcore Corporation 1933F-B-A-FA-10-N Datasheet HTML 2Page - Emcore Corporation 1933F-B-A-FA-10-N Datasheet HTML 3Page - Emcore Corporation 1933F-B-A-FA-10-N Datasheet HTML 4Page - Emcore Corporation 1933F-B-A-FA-10-N Datasheet HTML 5Page - Emcore Corporation 1933F-B-A-FA-10-N Datasheet HTML 6Page - Emcore Corporation 1933F-B-A-FA-10-N Datasheet HTML 7Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DATASHEET| FEBRUARY 20, 2008
For more information on this and other products:
Contact Sales at Emcore 626-293-3400, or visit www.emcore.com.
Applications
Video signal distribution in
HFC and FTTx nodes
High linearity, low power fiber
links
Features
Linear DFB laser design
Output power up to 10 dBm
available
Bandwidth > 2700 MHz
RoHS compliance
Optical Isolator
Low power consumption
Monitor photodiode
Model 1933F CATV Coaxial DFB Laser Diode
1310nm, Wide Bandwidth 5MHz – 2700MHz
Emcore’s Model 1933F DFB lasers offer a low cost solution for linear
fiberoptic links. These components can be cooled with external thermo-
electric coolers for high stability, or run without TEC’s to reduce power
consumption. The DFB laser builds upon Ortel’s long history of high
performance, leading edge designs in CATV, wireless, and high speed
digital applications. The laser diode devices are packaged in a compact
hermetic assembly together with monitor photodiode and isolator, for
flexible integration into various transmitter configurations.
Performance Highlights
Min
Typical
Max
Units
Operating Case Temperature Range
-40
-
80
°C
Optical Output Power
3
6
9
10
-
-
-
-
5.8
8.8
9.8
11.8
dBm
Frequency Range
5
-
2700
MHz
Carrier-to-Noise Ratio (79 channels)
51
-
-
dB
Composite Second Order (79 channels)
Standard Linearity
Enhanced Linearity
-
-
-
-
-57
-60
dBc
Composite Triple Beat (79 channels)
Standard Linearity
Enhanced Linearity
-
-
-
-
-65
-68
dBc
Center Wavelength
1300
-
1320
nm
Optical Return Loss
35
-
-
dB
Side Mode Suppression Ratio, CW
30
-
-
dB
See following pages for complete specifications and conditions.


Similar Part No. - 1933F-B-A-FA-10-N

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
1933F-B-DI-A-FA-03-B EMCORE-1933F-B-DI-A-FA-03-B Datasheet
480Kb / 6P
   Coaxial DFB Laser Diode
1933F-B-DI-A-FA-03-B EMCORE-1933F-B-DI-A-FA-03-B Datasheet
485Kb / 6P
   1933 F/R/W Coaxial DFB Laser Diode
1933F-B-DI-A-FA-03-N EMCORE-1933F-B-DI-A-FA-03-N Datasheet
480Kb / 6P
   Coaxial DFB Laser Diode
1933F-B-DI-A-FA-03-N EMCORE-1933F-B-DI-A-FA-03-N Datasheet
485Kb / 6P
   1933 F/R/W Coaxial DFB Laser Diode
1933F-B-DI-A-FA-05-B EMCORE-1933F-B-DI-A-FA-05-B Datasheet
480Kb / 6P
   Coaxial DFB Laser Diode
More results

Similar Description - 1933F-B-A-FA-10-N

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
1612A-079-FC-04 EMCORE-1612A-079-FC-04_12 Datasheet
607Kb / 6P
   1310 nm DFB Laser Module
1614-SC-WW-02 EMCORE-1614-SC-WW-02 Datasheet
229Kb / 6P
   1310 nm DFB Laser Module
1612A-079-FC-04 EMCORE-1612A-079-FC-04 Datasheet
167Kb / 6P
   1310 nm DFB Laser Module
logo
Optoway Technology Inc
DL-3100 OPTOWAY-DL-3100_07 Datasheet
119Kb / 3P
   1310 nm DFB LASER DIODES
logo
NEC
NDL7660P NEC-NDL7660P Datasheet
69Kb / 6P
   1310 nm OPTICAL CATV/ANALOG APPLICATIONS InGaAsP MQW-DFB LASER DIODE MODULE
NDL7670P NEC-NDL7670P Datasheet
69Kb / 6P
   1310 nm OPTICAL CATV/ANALOG APPLICATIONS InGaAsP MQW-DFB LASER DIODE MODULE
NDL7672P NEC-NDL7672P Datasheet
50Kb / 6P
   1310 nm OPTICAL CATV/ANALOG APPLICATIONS InGaAsP MQW-DFB LASER DIODE MODULE
NDL7673P NEC-NDL7673P Datasheet
55Kb / 6P
   1310 nm OPTICAL CATV/ANALOG APPLICATIONS InGaAsP MQW-DFB LASER DIODE MODULE
logo
Optoway Technology Inc
DL-3100 OPTOWAY-DL-3100 Datasheet
110Kb / 2P
   1310 nm DFB LASER DIODES MQW-DFB LASER DIODES
logo
California Eastern Labs
NX8304BE CEL-NX8304BE Datasheet
106Kb / 5P
   NECs 1310 nm InGaAsP MQW-DFB LASER DIODE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com