Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2991 Datasheet(PDF) 2 Page - Emcore Corporation

Part # 2991
Description  Outdoor Enclosure
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

2991 Datasheet(HTML) 2 Page - Emcore Corporation

  2991 Datasheet HTML 1Page - Emcore Corporation 2991 Datasheet HTML 2Page - Emcore Corporation 2991 Datasheet HTML 3Page - Emcore Corporation 2991 Datasheet HTML 4Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DATASHEET | DECEMBER 27, 2007
3091A Outdoor Unit for 2991T/R
Environmental
Ambient outside air temperature: -30 to 50
°C
Storage temperature: -40
°C to +85°C
Start Up Temperature: 0
°C min
Humidity, non-condensing: 5 to 95%
• Absolute Maximum Rating (damage may occur beyond these limits) < -30°C and > +70°C
Electrical
AC Power Input (Connector J1)
Compatible with 0.5 inch cable diameters and styles.
Circuit Breaker Switch: 5 amp trigger
Mating Connector for J1
Face View (Mating Side)
Rear View (Solder Side)
1
1
2
3
1
1
2
3
Parameters
Min
Typ
Max
Unit
AC Voltage
95
--
240
VAC
AC Current
--
--
2
Amps
Pin
Function
1
Line
2
Neutral
3
Ground


Similar Part No. - 2991

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
2991 ALPHAWIRE-2991 Datasheet
97Kb / 3P
   Customer Specification
2/21/2023
logo
Amphenol Corporation
2991-6002 AMPHENOL-2991-6002 Datasheet
105Kb / 1P
   SMA JACK TO JACK BULKHEAD ADAPTER HERMETIC SEAL
logo
TE Connectivity Ltd
299139-1 TEC-299139-1 Datasheet
95Kb / 1P
   WASHER SEAL PANEL MOUNT NECTOR* M-LINE
logo
Emcore Corporation
2991R EMCORE-2991R Datasheet
145Kb / 6P
   Outdoor Enclosure for 2991 L.Band Links
2991R-F7-SA3 EMCORE-2991R-F7-SA3 Datasheet
145Kb / 6P
   Outdoor Enclosure for 2991 L.Band Links
More results

Similar Description - 2991

ManufacturerPart #DatasheetDescription
logo
Level One
BOH-1400 LVL1-BOH-1400_16 Datasheet
487Kb / 3P
   Camera PoE Outdoor Enclosure
logo
Emcore Corporation
3091A EMCORE-3091A Datasheet
145Kb / 6P
   Outdoor Enclosure for 2991 L.Band Links
logo
Level One
BOH-1401 LVL1-BOH-1401_16 Datasheet
506Kb / 3P
   Camera PoE Outdoor Enclosure, IR LEDs
BOH-1410 LVL1-BOH-1410_16 Datasheet
487Kb / 3P
   Camera PoE Outdoor Enclosure, FEVE Coating
logo
List of Unclassifed Man...
PMF100600 ETC-PMF100600 Datasheet
2Mb / 4P
   Increase outdoor enclosure durability in harsh environments
2011 - 2016
logo
Level One
BOH-1411 LVL1-BOH-1411_16 Datasheet
506Kb / 3P
   Camera PoE Outdoor Enclosure, IR LEDs, FEVE Coating
logo
Altech corporation
K70 ALTECH-K70 Datasheet
4Mb / 68P
   Enclosure
logo
Emerson Network Power
LPX120 EMERSON-NETWORKPOWER-LPX120 Datasheet
944Kb / 2P
   Enclosure
logo
Astec America, Inc
LPX80 ASTEC-LPX80 Datasheet
742Kb / 1P
   ENCLOSURE
logo
Weidmuller
0573300000 WEIDMULLER-0573300000 Datasheet
430Kb / 8P
   Klippon K (aluminium empty enclosure) Empty enclosure Aluminium enclosure
September 13, 2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com