Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5017G Datasheet(PDF) 5 Page - Emcore Corporation

Part # 5017G
Description  Delay Line With Fully Integrated Fiber Optics
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

5017G Datasheet(HTML) 5 Page - Emcore Corporation

  5017G Datasheet HTML 1Page - Emcore Corporation 5017G Datasheet HTML 2Page - Emcore Corporation 5017G Datasheet HTML 3Page - Emcore Corporation 5017G Datasheet HTML 4Page - Emcore Corporation 5017G Datasheet HTML 5Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5 of 5
DATA SHEET | JANUARY 2, 2008
ORTEL, A division of EMCORE
5017-Series Delay Line
Pin/Package Information
Nine-Pin D-sub Connector
Pin
Description
1
+15 Vdc
2
+5 Vdc
3
NC
4
Power Ground
5
Reference Ground
6
Laser Photodiode Current Monitor
7
Received Optical Power
8
Laser Current Monitor
9
Laser Over-temperature Alarm1
1: Open collector outputs
Ordering Options Delay Line (For example, 5017A-0060)
Ordering Options Delay Line (For example, 5017E-0850)
5017 n-
XXXX
Frequency
Delay (Internal)
A
0.1 GHz to 4 GHz
8
µ-sec max
B
0.1 GHz to 10 GHz
C
0.1 GHz to 15 GHz
D
0.1 GHz to 18 GHz
5017 n-
XXXX
Frequency
Delay (External)
E
0.1 GHz to 4 GHz
110
µ-sec max
F
0.1 GHz to 10 GHz
G
0.1 GHz to 15 GHz
H
0.1 GHz to 18 GHz
Information contained herein is deemed to be reliable and accurate as of issue date. EMCORE reserves the right to change the design or specifications of
the product at any time without notice. Ortel, the Ortel logo, EMCORE, and the EMCORE logo are trademarks of EMCORE Corporation.
DS.5017 RF Delay Lines
Copyright 2008. EMCORE Corporation
EMCORE Corporation
2015 West Chestnut Street
Alhambra, California 91803-1542
Tel: 626-293-3400
Fax: 626-293-3423
www.emcore.com
Front Panel LEDs
Power on
dc Monitor Voltages
Laser Photodiode current, pin6
o
1V/100mA
±2% accuracy (into 1 MΩ
load). Proportional to laser power at
beginning of fiber.
Photodiode current, pin7
o
1V/mA
±2% accuracy (into 1 MΩ load).
Proportional to photodiode input power
end of fiber.
Laser dc current, pin 8:
o
1V/100mA
±2% accuracy (into 1 MΩ
load).
Alarm Circuits
The alarms are open-collector outputs capable
20 mA when active and with standing +15
VDC when off.
Laser over temperature alarm, pin 9
o
Laser Temperature. This alarm is ON
(sinks current) if the laser substrate
temperature is more than 2oC higher
than the factory setpoint. The alarm is
not activated if the temperature is
LOWER than the setpoint.
Delay Time
The delay time is shown as “XXXX”.
X (hundreds) X (tens) X (ones) X (tenths)
A 5017C with a delay time of 15.5
µ-sec would
be shown as 5017C-0155


Similar Part No. - 5017G

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
5017 SCHURTER-5017 Datasheet
312Kb / 2P
   IEC Appliance Outlet J, Screw-on Mounting, Front Side, Quick-connect Terminal
5017 SCHURTER-5017 Datasheet
202Kb / 3P
   IEC Appliance Outlet J, Screw-on Mounting, Front Side, Quick-connect Terminal
5017 SCHURTER-5017 Datasheet
203Kb / 3P
   IEC Appliance Outlet J, Screw-on Mounting, Front Side, Quick-connect Terminal
05.01.2022
logo
List of Unclassifed Man...
5017-009 ETC2-5017-009 Datasheet
172Kb / 3P
   Closeout sale in progress
5017-011 ETC2-5017-011 Datasheet
137Kb / 3P
   NEMA 17 Step Motor
More results

Similar Description - 5017G

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT108W-UR3 MARKTECH-MT108W-UR3 Datasheet
106Kb / 2P
   Fiber Optics
logo
ITT Industries
PHD ITT-PHD Datasheet
96Kb / 1P
   Fiber Optics
logo
Marktech Corporate
MT108M-UR3 MARKTECH-MT108M-UR3 Datasheet
113Kb / 2P
   Fiber Optics
MT108L-UR3 MARKTECH-MT108L-UR3 Datasheet
103Kb / 2P
   Fiber Optics
logo
Emcore Corporation
OPTIVA-OTS-ODLS-I-40GHZ EMCORE-OPTIVA-OTS-ODLS-I-40GHZ Datasheet
861Kb / 3P
   Internal Fiber Delay Line System
OPTIVA-OTS-ODLS-I-18GHZ EMCORE-OPTIVA-OTS-ODLS-I-18GHZ Datasheet
863Kb / 3P
   Internal Fiber Delay Line System
OPTIVA-OTS-ODLS-I-22GHZ EMCORE-OPTIVA-OTS-ODLS-I-22GHZ Datasheet
857Kb / 3P
   Internal Fiber Delay Line System
logo
Marktech Corporate
MT108SL-UR3 MARKTECH-MT108SL-UR3 Datasheet
110Kb / 2P
   Fiber Optics
logo
Raltron Electronics Cor...
CO-CE8850A-LZ-FREQ-FR5-C RALTRON-CO-CE8850A-LZ-FREQ-FR5-C Datasheet
25Kb / 1P
   FIBER OPTICS - CLOCK
CO-CE7850A-LZ-FREQ-EL RALTRON-CO-CE7850A-LZ-FREQ-EL Datasheet
21Kb / 1P
   FIBER OPTICS - CLOCK
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com