Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2651A-023-060-M Datasheet(PDF) 3 Page - Emcore Corporation

Part # 2651A-023-060-M
Description  Broadband Photodiode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

2651A-023-060-M Datasheet(HTML) 3 Page - Emcore Corporation

  2651A-023-060-M Datasheet HTML 1Page - Emcore Corporation 2651A-023-060-M Datasheet HTML 2Page - Emcore Corporation 2651A-023-060-M Datasheet HTML 3Page - Emcore Corporation 2651A-023-060-M Datasheet HTML 4Page - Emcore Corporation 2651A-023-060-M Datasheet HTML 5Page - Emcore Corporation 2651A-023-060-M Datasheet HTML 6Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
DATASHEET| FEBRUARY 5, 2008
EMCORE CORPORATION
Model 2651A/2651E Broadband Photodiode
Outline Drawing
Dimensions are in mm.
Pinout
Pin
Description
1
Anode
2
Cathode
3
Ground
Block Diagram
.
.
.
Anode
Cathode
Ground
.
.
.
Anode
Cathode
Ground


Similar Part No. - 2651A-023-060-M

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
2651A-023-060-M EMCORE-2651A-023-060-M Datasheet
348Kb / 6P
   Broadband Photodiode
2651A-023-060-M EMCORE-2651A-023-060-M Datasheet
348Kb / 6P
   2651A/2651E Broadband Photodiode
More results

Similar Description - 2651A-023-060-M

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
2651A-020-038-N EMCORE-2651A-020-038-N_12 Datasheet
348Kb / 6P
   Broadband Photodiode
2611A EMCORE-2611A Datasheet
874Kb / 4P
   Broadband Photodiode Module
2609B EMCORE-2609B Datasheet
938Kb / 4P
   Broadband Photodiode Module
logo
Agere Systems
2609C AGERE-2609C Datasheet
49Kb / 4P
   2609C Broadband Photodiode Module
2611A AGERE-2611A Datasheet
49Kb / 4P
   2611A Broadband Photodiode Module
2650A AGERE-2650A Datasheet
57Kb / 4P
   2650A/B Broadband Photodiode
logo
Emcore Corporation
2651AE EMCORE-2651AE Datasheet
348Kb / 6P
   2651A/2651E Broadband Photodiode
logo
Agere Systems
2609B AGERE-2609B Datasheet
49Kb / 4P
   2609B Broadband Photodiode Module
logo
Roithner LaserTechnik G...
PD-1375-IP ROITHNER-PD-1375-IP Datasheet
71Kb / 2P
   photodiode
logo
EPIGAP optoelectronic G...
EPD-270-0-0.3-1 EPIGAP-EPD-270-0-0.3-1 Datasheet
192Kb / 2P
   Photodiode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com