Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6000-0S5-3210 Datasheet(PDF) 2 Page - Emcore Corporation

Part # 6000-0S5-3210
Description  Optical A/B Switch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

6000-0S5-3210 Datasheet(HTML) 2 Page - Emcore Corporation

  6000-0S5-3210 Datasheet HTML 1Page - Emcore Corporation 6000-0S5-3210 Datasheet HTML 2Page - Emcore Corporation 6000-0S5-3210 Datasheet HTML 3Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PRELIMINARY DATA SHEET | JULY 7, 2008
2 of 3
EMCORE Broadband
2015 West Chestnut Street
Alhambra, California 91803-1542
Tel: 626-293-3400
Fax: 626-293-3428
www.emcore.com
Copyright 2008. EMCORE Corporation
EOS-6000 Optical A/B Switch
Optical Characteristics
PROPERTY
UNITS
MIN.
TYP.
MAX.
Operating Wave Length
nm
1310 +/- 10 or 1550+/-20
Insertion Loss
dB
1.0
1.3
Return Loss
dB
55
60
Polarization Dependent
Loss
dB
0.06
0.1
Repeatability
dB
+/-0.01
+/-0.02
Isolation
dB
-60
-50
Input Optical Power
dBm
24
Switching Time
ms
25
General and Mechanical Specifications
PROPERTY
REQUIREMENT
COMMENTS
Switching Threshold
20 dB range – see ordering info
Settable within range
Switching Mode
Auto, Manual, remote
Optical Connector
SC/APC
Other styles available
Monitoring Interfaces
100 Base-T Ethernet
Rear Panel RS-232 interface
LED Indicators
SNMP V1
Reserved for Factory Use
Power, Main, Backup, and Output Indicators
Operating Temperature
0
°C to 50°C
Storage Temperature
-25
°C to 65°C
Agency Listings
FCC: Subpart B. Part 15, class “A” Unintentional
Radiators
Power Consumption
5W
Maximum
Supply Range
(VAC)
(VDC)
85 to 240 VAC, 50/60 Hz
36 - 60 VDC
Dimensions
430x300x44mm


Similar Part No. - 6000-0S5-3210

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
6000-0S5-3210 EMCORE-6000-0S5-3210 Datasheet
239Kb / 2P
   Optical A/B Switch
More results

Similar Description - 6000-0S5-3210

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
EOS-6000 EMCORE-EOS-6000_12 Datasheet
239Kb / 2P
   Optical A/B Switch
MEDALLION2100 EMCORE-MEDALLION2100 Datasheet
407Kb / 4P
   Optical A/B Switch
6000-0S3-1110 EMCORE-6000-0S3-1110 Datasheet
239Kb / 2P
   Optical A/B Switch
logo
Pasternack Enterprises,...
PE7102 PASTERNACK-PE7102_16 Datasheet
348Kb / 3P
   A/B Coaxial Electromechanical Relay Switch
PE7100 PASTERNACK-PE7100_16 Datasheet
343Kb / 3P
   A/B Coaxial Electromechanical Relay Switch
logo
OPTEK Technologies
OPB818 OPTEK-OPB818 Datasheet
234Kb / 2P
   SLOTTED OPTICAL SWITCH
OPB816Z OPTEK-OPB816Z Datasheet
375Kb / 3P
   Slotted Optical Switch
logo
Fairchild Semiconductor
QVL21653 FAIRCHILD-QVL21653 Datasheet
52Kb / 3P
   SLOTTED OPTICAL SWITCH
logo
OPTEK Technologies
OPB857 OPTEK-OPB857 Datasheet
233Kb / 2P
   Slotted Optical Switch
OPB818 OPTEK-OPB818_07 Datasheet
174Kb / 3P
   SLOTTED OPTICAL SWITCH
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com