Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6000-0S5-4210 Datasheet(PDF) 3 Page - Emcore Corporation

Part # 6000-0S5-4210
Description  Optical A/B Switch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

6000-0S5-4210 Datasheet(HTML) 3 Page - Emcore Corporation

  6000-0S5-4210 Datasheet HTML 1Page - Emcore Corporation 6000-0S5-4210 Datasheet HTML 2Page - Emcore Corporation 6000-0S5-4210 Datasheet HTML 3Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3 of 3
EMCORE Broadband
2015 West Chestnut Street
Alhambra, California 91803-1542
Tel: 626-293-3400
Fax: 626-293-3428
www.emcore.com
Copyright 2008. EMCORE Corporation
PRELIMINARY DATA SHEET | JULY 7, 2008
EOS-6000 Optical A/B Switch
Model Number Information (note 1)
Operating
Wavelenghth
Optics
Power
Supply
Switching
Threshold range
Emcore Logo
3 – 1310nm
1 –
SC/APC
1 – AC
1 – [-30, -10] dBm 0 – No
5 – 1550nm
2 –
FC/APC
2 – DC
2 – [-20, 0] dBm
2 – Yes
3 –
SC/UPC
3 – [-10, 10] dBm
4 –
FC/UPC
4 – [0, 20] dBm
Note 1: Not all configurations are available - contact factory.
Example: 6000-0S5-1232
1550nm, SC/APC connectors, DC power supply, -10 to + 10 dBm input range, Emcore Logo.
Information contained herein is deemed to be reliable and accurate as of issue date. EMCORE reserves the right to change the design or specifications of
the product at any time without notice. EMCORE, and the EMCORE logo are trademarks of EMCORE Corporation.


Similar Part No. - 6000-0S5-4210

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
6000-0S5-4210 EMCORE-6000-0S5-4210 Datasheet
239Kb / 2P
   Optical A/B Switch
More results

Similar Description - 6000-0S5-4210

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
EOS-6000 EMCORE-EOS-6000_12 Datasheet
239Kb / 2P
   Optical A/B Switch
MEDALLION2100 EMCORE-MEDALLION2100 Datasheet
407Kb / 4P
   Optical A/B Switch
6000-0S3-1110 EMCORE-6000-0S3-1110 Datasheet
239Kb / 2P
   Optical A/B Switch
logo
Pasternack Enterprises,...
PE7102 PASTERNACK-PE7102_16 Datasheet
348Kb / 3P
   A/B Coaxial Electromechanical Relay Switch
PE7100 PASTERNACK-PE7100_16 Datasheet
343Kb / 3P
   A/B Coaxial Electromechanical Relay Switch
logo
OPTEK Technologies
OPB818 OPTEK-OPB818 Datasheet
234Kb / 2P
   SLOTTED OPTICAL SWITCH
OPB816Z OPTEK-OPB816Z Datasheet
375Kb / 3P
   Slotted Optical Switch
logo
Fairchild Semiconductor
QVL21653 FAIRCHILD-QVL21653 Datasheet
52Kb / 3P
   SLOTTED OPTICAL SWITCH
logo
OPTEK Technologies
OPB857 OPTEK-OPB857 Datasheet
233Kb / 2P
   Slotted Optical Switch
OPB818 OPTEK-OPB818_07 Datasheet
174Kb / 3P
   SLOTTED OPTICAL SWITCH
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com