Electronic Components Datasheet Search |
|
OTS-1RefR Datasheet(PDF) 1 Page - Emcore Corporation |
|
OTS-1RefR Datasheet(HTML) 1 Page - Emcore Corporation |
1 / 2 page OTS-1Ref Reference Oscillator Link Optiva® reference oscillator fiber intra-facility links are a high performance, cost-effective alternative to coaxial cable. They provide a secure means of transporting low frequency timing and reference signals allowing all transport signals to be phase locked to a single distributed source. Employing fiber optic links provides much longer transmission distances than copper cables, which simplifies network design, eases installation and even enhances immunity from EMI, RFI and lightning. These transmitters and receivers take the high RF performance and diverse features of Emcore’s Ortel technology and combines them into a compact package compatible with the Optiva® OT- CC-16 chassis. The enhanced low frequency performance ideally suits the OTS- 1Ref optical transport modules for use in applications in conjunction with L-band signal, video, or data signals anywhere between studio and trasmis- sion. The OTS-1Ref is the perfect complement to the wide range of Optiva® products. Features 1 to 20 MHz optimized for reference signals 15dB adjustable gain range provides perfect level match for signal distribution Designed for high level signal input 50 Ohm BNC Receiver RF power monitoring via LED, SMA & remote monitoring SNMP monitoring and control High-dynamic-range, optically-isolated DFB lasers run cooler and require less power Fits in Optiva® enclosures, which support Daisy Chain™ video, audio and data links. Hot swap redundant power supplies virtually eliminate downtime 16, 4, 2, & 1 slot enclosures available System Design SATCOM Optiva® is a completely modular hot-swappable platform. Both 19” rack mount and compact tabletop or wall-mountable enclosures are available. The 19” rack-mount enclosure (Model OT-CC-16) can support up to 16 insert cards and provides a single power supply (Model PS-200), or a dual-redundant, hot-swappable power supply option. Compact enclosures are available with 1, 2 or 4 slots. The one slot (OT-DTCR-1) and two slot (OT-DTCR-2) enclosures both use an external power supply (PS-9012) and optionally have a standard 2-pin DC power connector for more custom applications. The four-slot 1 RU enclosure (OT-CC-4) uses an integrated power supply. The Optiva® family’s existing wide range of video, audio and data transport products include a unique Daisy-Chain™ feature that multiplexes multiple electrical inputs onto a single fiber, thus resulting in an extremely capable, yet conveniently flexible, signal transport system. Copyright © 2009 Emcore Corporation 626 293 3400 satcom-sales@emcore.com www.emcore.com 1MHz to 20MHz Reference Oscillator Link Optiva® SERIES Professional Media Transport |
Similar Part No. - OTS-1RefR |
|
Similar Description - OTS-1RefR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |