Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSDL-4250 Datasheet(PDF) 3 Page - Lite-On Technology Corporation

Part # HSDL-4250
Description  High-Performance T-1(5mm) AlGaAs Infrared (870nm) Lamp
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

HSDL-4250 Datasheet(HTML) 3 Page - Lite-On Technology Corporation

  HSDL-4250 Datasheet HTML 1Page - Lite-On Technology Corporation HSDL-4250 Datasheet HTML 2Page - Lite-On Technology Corporation HSDL-4250 Datasheet HTML 3Page - Lite-On Technology Corporation HSDL-4250 Datasheet HTML 4Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Parameter
Symbol
Min.
Typ.
Max. Unit
Condition
Reference
Radiant On-Axis Intensity
IE
HSDL-4250
124
180
-
mW/Sr
IFDC=100mA
Figure 5
HSDL-4251
56
100
-
mW/Sr
IFDC=100mA
Radiant On-Axis Intensity
Temperature Coefficient
∆I
E/
∆T
-
-0.43
-
%/°C
IFDC=100mA
Viewing Angle
2
θ
1/2
HSDL-4250
-
15
-
°
Figure 7
HSDL-4251
-
30
-
°
Figure 7
Peak Wavelength
λ
pk
-
870
-
nm
Figure 1
Peak wavelength
Temperature Coefficient
∆λ/∆T
-0.22
-
nm/°C
IFDC=100mA
Spectral Width
∆λ
45
-
nm
IFDC=50mA
Figure 1
Optical Rise and Fall Time
tr/tf
40
-
ns
IFDC=500mA
Duty Ratio = 20%
Pulse Width=125ns
Figure 1. Relative Radiant Intensity vs. Wavelength
Figure 2. DC Forward Current vs. Forward Voltage
Peak Wavelength Vs Relative Radiant Intensity
0
0.2
0.4
0.6
0.8
1
1.2
800
820
840
860
880
900
920
940
Peak Wavelength in nm
V-I Characteristics
1
10
100
0
0.5
1
1.5
2
Vf - Forward Voltage - (V)
Figure 3. Peak Forward Current vs. Forward Voltage
Forward Voltage Vs Temperature
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
-25
0
25
50
75
100
125
Temperature in Degrees
I-Led=20mA
I-Led=100mA
Figure 4. Forward Voltage vs. Ambient Temperature
Optical Characteristics at 25
°°°°°C
Peak Forward Voltage Vs Peak Forward Current
1
10
100
1000
0
0.5
1
1.5
2
Vfpk - Peak Forward Voltage - (V)


Similar Part No. - HSDL-4250

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-4250 AVAGO-HSDL-4250 Datasheet
180Kb / 4P
   High-Performance T-1 쩐 (5mm) AlGaAs Infrared (870nm) Lamp
logo
Lite-On Technology Corp...
HSDL-4250 LITEON-HSDL-4250 Datasheet
190Kb / 4P
   High-Performance T-1 3/4 (5mm) AlGaAs Infrared (870nm) Lamp
More results

Similar Description - HSDL-4250

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-4250 AVAGO-HSDL-4250 Datasheet
180Kb / 4P
   High-Performance T-1 쩐 (5mm) AlGaAs Infrared (870nm) Lamp
logo
Lite-On Technology Corp...
HSDL-4251 LITEON-HSDL-4251 Datasheet
190Kb / 4P
   High-Performance T-1 3/4 (5mm) AlGaAs Infrared (870nm) Lamp
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-4261 AVAGO-HSDL-4261 Datasheet
235Kb / 4P
   High-Power T-1쩐 (5mm) AlGaAs Infrared (870nm) Lamp
ASDL-4263 AVAGO-ASDL-4263 Datasheet
131Kb / 4P
   High Efficiency T-1 쩐 (5mm) Infrared (940nm) Lamp
ASDL-4264 AVAGO-ASDL-4264 Datasheet
135Kb / 4P
   High Efficiency T-1 쩐 (5mm) Infrared (940nm) Lamp
logo
Lite-On Technology Corp...
HSDL-4271 LITEON-HSDL-4271 Datasheet
94Kb / 4P
   High-Performance T-1쩐 (5mm) AlGaAs Infrared (940nm) Lamp
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-4271 AVAGO-HSDL-4271 Datasheet
84Kb / 4P
   High-Performance T-1쩐 (5mm) AlGaAs Infrared (940nm) Lamp
logo
Lite-On Technology Corp...
HSDL-4270 LITEON-HSDL-4270 Datasheet
140Kb / 4P
   High-Performance T-1쩐 (5mm) AlGaAs Infrared (940nm) Lamp
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-4270 AVAGO-HSDL-4270 Datasheet
130Kb / 4P
   High-Performance T-1쩐 (5mm) AlGaAs Infrared (940nm) Lamp
ASDL-4671 AVAGO-ASDL-4671 Datasheet
181Kb / 4P
   High Performance T-1 (3mm) AlGaAs/GaAs Infrared (940nm) Lamp
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com