Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B1-243R3SS Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # B1-243R3SS
Description  B1-Sil Series 1 Watt Isolated DC-DC Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

B1-243R3SS Datasheet(HTML) 1 Page - Bothhand USA, LP.

  B1-243R3SS Datasheet HTML 1Page - Bothhand USA, LP. B1-243R3SS Datasheet HTML 2Page - Bothhand USA, LP. B1-243R3SS Datasheet HTML 3Page - Bothhand USA, LP. B1-243R3SS Datasheet HTML 4Page - Bothhand USA, LP. B1-243R3SS Datasheet HTML 5Page - Bothhand USA, LP. B1-243R3SS Datasheet HTML 6Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
1. Features :
! 7 Pin SIL Package
! Low Ripple and Noise
! Input / Output Isolation 1K Vdc or 3K Vdc
! 100 % Burn-In
! Input Filter with Internal Capacitor
! Custom Design Available
2. Absolute maximum ratings:
( Exceeding these values may damage the module. These are not continuous operating ratings )
Parameter
Condition
Min.
Typ.
Max.
Unit
5V Input Model
-0.7
5
7.5
12V Input Model
-0.7
12
15
Input Absolute Voltage Range
24V Input Model
-0.7
24
30
Vdc
Max. Output power
---
---
1
W
Output Short circuit duration
---
---
1.0
Second
Operating temperature
Output Full Load
-40
---
+85
Storage temperature
-55
---
+105
3. Nominal Input / Output Electrical Specifications :
( Specifications typical at Ta = +25℃, nominal input voltage, rated output current unless otherwise noted )
Parameter
Condition
Min.
Typ.
Max.
Unit
5V Input Model
4.5
5
5.5
12V Input Model
10.8
12
13.2
Input Voltage Range
24V Input Model
21.6
24
26.4
Vdc
Output Voltage Accuracy
Nominal Input
---
---
± 5.0
Output Voltage Balance
Dual Output same Load
---
---
± 1.0
%
Switching Frequency
---
110
---
KHz
Temperature Coefficient
Nominal Input
---
± 0.01
± 0.02
% / ℃
Standard Series
1000
---
---
Isolation Voltage
High Isolation Series
3000
---
---
Vdc
Isolation Resistance
500 Vdc
1000
---
---
Isolation Capacitance
1 KHz / 250 mV rms
---
30
---
pF
Max. Line Regulation (Per 1.0 % change in input change)
---
---
1.3
%
Bothhandusa.com
B1-Sil Series 1 Watt Isolated DC-DC Converter


Similar Part No. - B1-243R3SS

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
B1-243R3SS(H)LF BOTHHAND-B1-243R3SS(H)LF Datasheet
308Kb / 2P
   1W Isolated DC/DC Converter
B1-243R3SSLF BOTHHAND-B1-243R3SSLF Datasheet
308Kb / 2P
   1W Isolated DC/DC Converter
More results

Similar Description - B1-243R3SS

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
BMA1 BOTHHAND-BMA1 Datasheet
420Kb / 4P
   1 Watt Isolated DC-DC Converter
logo
Eaton All Rights Reserv...
EPM6-2V EATON-EPM6-2V Datasheet
716Kb / 6P
   1 Watt isolated DC-DC converter
March 2022
EPM7-1V EATON-EPM7-1V Datasheet
746Kb / 6P
   1 Watt isolated DC-DC converter
March 2022
logo
Bothhand USA, LP.
BMA1-SERIES BOTHHAND-BMA1-SERIES Datasheet
420Kb / 4P
   1 Watt Isolated DC-DC Converter
logo
Eaton All Rights Reserv...
EPM6-1V EATON-EPM6-1V Datasheet
652Kb / 6P
   1 Watt isolated DC-DC converter
March 2022
logo
Bothhand USA, LP.
BA-SH-LF-SERIES BOTHHAND-BA-SH-LF-SERIES Datasheet
437Kb / 7P
   0.5 To 1 Watt Isolated DC-DC Converter
BA-SHLF BOTHHAND-BA-SHLF Datasheet
437Kb / 7P
   0.5 To 1 Watt Isolated DC-DC Converter
logo
CINCON ELECTRONICS Corp...
CHB200W12 CINCON-CHB200W12 Datasheet
749Kb / 8P
   200 WATT 12:1 INPUT ISOLATED DC-DC CONVERTER
EC7BW18-72S05 CINCON-EC7BW18-72S05 Datasheet
737Kb / 8P
   20 WATT 18:1 INPUT ISOLATED DC-DC CONVERTER
CQB75-300S CINCON-CQB75-300S Datasheet
400Kb / 8P
   75 WATT 2:1 INPUT ISOLATED DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com