Electronic Components Datasheet Search |
|
SL38000ZC-XXXT Datasheet(PDF) 7 Page - SpectraLinear Inc |
|
SL38000ZC-XXXT Datasheet(HTML) 7 Page - SpectraLinear Inc |
7 / 12 page Rev 1.1, August 7, 2008 Page 7 of 12 SL38000 Output Leakage Current IOL OE=GND at CLKOUT pins -15 - 15 μA Minimum setting value - 8 - pF Maximum setting value - 40 - pF Programmable Input Capacitance at Pins 1 and 28 Cin Cout Resolution (programming steps) - 0.5 - pF Input Capacitance CIN2 Pins 4 and 8 if programmed as PD#, OE, SSON or FS - 4 6 pF Load Capacitance CL All CLKOUT outputs - - 15 pF AC Electrical Characteristics (C-Grade) Unless otherwise stated VDDA=VDDX= 2.5V to 3.3V+/-10%, CL=15pF and Ambient Temperature range -40 to +85 Deg C Parameter Symbol Condition Min Typ Max Unit Input Frequency Range FIN1 Crystal or Ceramic Resonator 8 - 48 MHz Input Frequency Range FIN2 External Clock 3 - 166 MHz Output Frequency Range FOUT1 CLKOUT, VDDO=3.3V to 2.5V 3 - 200 MHz Output Frequency Range FOUT2 CLKOUT, VDDO=1.8V 3 - 166 MHz Output Frequency Range FOUT3 REFCLK, crystal or resonator input 0.25 - 48 MHz Output Duty Cycle DC1 SSCLK 45 50 55 % Output Duty Cycle DC2 REFCLK , Xtal input 45 50 55 % Output Duty Cycle DC3 REFCLK, clock input 40 50 60 % Input Duty Cycle DCIN Clock Input, Pin 3 40 50 60 % Cycle-to-Cycle Jitter (SSCLK – Pins 4/6/7/8) CCJ1 FIN=27MHz, all 7 clocks are programmed at 66MHz, CL=15pF - 200 TBD ps Cycle-to-Cycle Jitter (SSCLK – Pins 4/6/7/8) CCJ2 FIN=27MHz, all 9 clocks are programmed at 66MHz, CL=15pF - 250 TBD ps Power supply Ramp Time tPSR Time for VDD reaching minimum specified value and monolitic power supply ramp - - 12 ms PLL Lock Time tPLL Time from VDD reaching minimum specified value to valid output frequencies at all outputs - 7.8 9.0 ms PD# Power-up Time (Crystal or Clock) tPU2 Time from PD# rising edge to valid frequency at outputs - 5.5 8.0 ms Output Enable Time tOE Time from OE falling edge to Hi-Z at outputs - 250 400 ns Output Disable Time tOD Time from OE falling edge to Hi-Z at outputs - 250 400 ns Spread Percent Range SPR-1 Center Spread +/-0.125 - +/-2.5 % Spread Percent Range SPR-2 Down Spread -5.0 - -0.25 % Modulation Frequency FMOD Programmable, 31.5 kHz standard 25 31.5 120 kHz |
Similar Part No. - SL38000ZC-XXXT |
|
Similar Description - SL38000ZC-XXXT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |