Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

40ST1021D Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # 40ST1021D
Description  40PIN SMD ETHERNET 10/100 BASE TX TWO PORT TRANSFORMER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

40ST1021D Datasheet(HTML) 1 Page - Bothhand USA, LP.

  40ST1021D Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
P/N: 40ST1021D DATA SHEET
Feature
!
40-PIN SMD Package designed to meet IEEE 802.3
& IR requirement .
!
Operating temperature range: 0℃ to +70℃.
!
Storage temperature range: -25℃ to +125℃.
Electrical Specifications @ 25°C
Turns Ratio
(±3%)
Part
Number
TX
RX
OCL (uH Min)
@100KHz/0.1V
with 8mA DC Bias
CW/W
(pF Max)
L.L
(uH Max)
Rise Time
(nS Typ)
HI-POT
(Vrms)
40ST1021D
1CT:1CT
1CT:1CT
350
20
0.4
2.5
1500
Continue
Insertion Loss
(dB Max)
Return Loss
(dB Min)
Cross talk
(dB Min)
DCMR
(dB Min) TX/RX
Part
Number
0.3-100MHz
1-30MHz
40-50MHz 60-80MHz 0.3-60MHz 60-100MHz
60MHz
100MHz
200MHz
40ST1021D
-1.15
-18
-14
-12
-40
-35
-40
-33
-25
Schematic
Mechanical
Bothhandusa.com
40PIN SMD ETHERNET 10/100 BASE TX TWO
PORT TRANSFORMER
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434


Similar Part No. - 40ST1021D

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
40ST1021D BOTHHAND-40ST1021D Datasheet
200Kb / 1P
   40PIN SMD ETHERNET 10/100 BASE TX TWO PORT TRANSFORMER
More results

Similar Description - 40ST1021D

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
40ST1021E BOTHHAND-40ST1021E Datasheet
280Kb / 1P
   40PIN SMD ETHERNET 10/100 BASE TX TWO PORT TRANSFORMER
40ST1021A BOTHHAND-40ST1021A Datasheet
203Kb / 1P
   40PIN SMD ETHERNET 10/100 BASE TX TWO PORT TRANSFORMER
40ST1021B BOTHHAND-40ST1021B_1 Datasheet
307Kb / 1P
   40PIN SMD ETHERNET 10/100 BASE TX TWO PORT TRANSFORMER
40ST1021 BOTHHAND-40ST1021_1 Datasheet
197Kb / 1P
   40PIN SMD ETHERNET 10/100 BASE TX TWO PORT TRANSFORMER
40ST1021B BOTHHAND-40ST1021B Datasheet
205Kb / 1P
   40PIN SMD ETHERNET 10/100 BASE TX TWO PORT TRANSFORMER
40ST1021A BOTHHAND-40ST1021A_1 Datasheet
307Kb / 1P
   40PIN SMD ETHERNET 10/100 BASE TX TWO PORT TRANSFORMER
40ST1021 BOTHHAND-40ST1021 Datasheet
224Kb / 1P
   40PIN SMD ETHERNET 10/100 BASE TX TWO PORT TRANSFORMER
40ST1021D BOTHHAND-40ST1021D Datasheet
200Kb / 1P
   40PIN SMD ETHERNET 10/100 BASE TX TWO PORT TRANSFORMER
40ST1021C BOTHHAND-40ST1021C Datasheet
158Kb / 1P
   40PIN SMD ETHERNET 10/100BASE TX TWO PORT TRANSFORMER MODULE
40ST1021C BOTHHAND-40ST1021C_1 Datasheet
280Kb / 1P
   40PIN SMD ETHERNET 10/100BASE TX TWO PORT TRANSFORMER MODULE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com