Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTL2T3ZBK5P1 Datasheet(PDF) 8 Page - Lite-On Technology Corporation

Part # LTL2T3ZBK5P1
Description  Property of Lite-On Only
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL2T3ZBK5P1 Datasheet(HTML) 8 Page - Lite-On Technology Corporation

Back Button LTL2T3ZBK5P1 Datasheet HTML 2Page - Lite-On Technology Corporation LTL2T3ZBK5P1 Datasheet HTML 3Page - Lite-On Technology Corporation LTL2T3ZBK5P1 Datasheet HTML 4Page - Lite-On Technology Corporation LTL2T3ZBK5P1 Datasheet HTML 5Page - Lite-On Technology Corporation LTL2T3ZBK5P1 Datasheet HTML 6Page - Lite-On Technology Corporation LTL2T3ZBK5P1 Datasheet HTML 7Page - Lite-On Technology Corporation LTL2T3ZBK5P1 Datasheet HTML 8Page - Lite-On Technology Corporation LTL2T3ZBK5P1 Datasheet HTML 9Page - Lite-On Technology Corporation LTL2T3ZBK5P1 Datasheet HTML 10Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
LITE-ON TECHNOLOGY CORPORATION
P r o p e r t y o f L i t e - O n O n l y
6. Drive Method
An LED is a current-operated device. In order to ensure intensity uniformity on multiple LEDs
connected in parallel in an application, it is recommended that a current limiting resistor be
incorporated in the drive circuit, in series with each LED as shown in Circuit A below.
Circuit model A
Circuit model B
LED
LED
(A) Recommended circuit
(B) The brightness of each LED might appear different due to the differences in the I-V characteristics
of those LEDs
7. ESD (Electrostatic Discharge)
Static Electricity or power surge will damage the LED.
Suggestions to prevent ESD damage:
Use a conductive wrist band or anti- electrostatic glove when handling these LEDs
All devices, equipment, and machinery must be properly grounded
Work tables, storage racks, etc. should be properly grounded
Use ion blower to neutralize the static charge which might have built up on surface of the LEDs
plastic lens as a result of friction between LEDs during storage and handing
Part No. : LTL2T3ZBK5P1
Page :
8
of
10
BNS-OD-C131/A4


Similar Part No. - LTL2T3ZBK5P1

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTL2T3GL4J-032A LITEON-LTL2T3GL4J-032A Datasheet
1Mb / 11P
   Through Hole Lamp
LTL2T3GL4JP LITEON-LTL2T3GL4JP Datasheet
513Kb / 9P
   Through Hole Lamp
LTL2T3TBJ4 LITEON-LTL2T3TBJ4 Datasheet
404Kb / 10P
   Property of Lite-On Only
LTL2T3TBK2 LITEON-LTL2T3TBK2 Datasheet
560Kb / 10P
   Low power consumption
LTL2T3TBK3 LITEON-LTL2T3TBK3 Datasheet
557Kb / 10P
    Low power consumption.
More results

Similar Description - LTL2T3ZBK5P1

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV-852 TENAND-LTV-852 Datasheet
337Kb / 10P
   Property of LITE-ON Only
LTV-3120 TENAND-LTV-3120 Datasheet
478Kb / 18P
   Property of Lite-on Only
LTV-815 TENAND-LTV-815 Datasheet
412Kb / 13P
   Property of LITE-ON Only
logo
Lite-On Technology Corp...
LTW-020ZDCG5 LITEON-LTW-020ZDCG5 Datasheet
447Kb / 11P
   Property of Lite-On Only
LTH-306-18 LITEON-LTH-306-18 Datasheet
150Kb / 4P
   Property of Lite-On Only
LTH-306-64 LITEON-LTH-306-64 Datasheet
275Kb / 6P
   Property of Lite-On Only
LTH-326-02W2 LITEON-LTH-326-02W2 Datasheet
154Kb / 4P
   Property of Lite-On Only
LTH-860-P51W1 LITEON-LTH-860-P51W1 Datasheet
164Kb / 5P
   Property of Lite-On Only
LTV-733 LITEON-LTV-733 Datasheet
220Kb / 9P
   Property of LITE-ON Only
LTV-816-T LITEON-LTV-816-T Datasheet
271Kb / 10P
   Property of Lite-On Only
LTW-C230DC LITEON-LTW-C230DC Datasheet
591Kb / 10P
   Property of Lite-On Only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com