Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

40ST1060LF Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # 40ST1060LF
Description  10/100 BASE QUAD PORT PULSE TRANSFORMER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

40ST1060LF Datasheet(HTML) 1 Page - Bothhand USA, LP.

  40ST1060LF Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
P/N: 40ST1060 LF DATA SHEET
Feature
!
40-PIN SMD Package compatible with Broadcom chips.
!
Design for multi-port repeater and Ethernet applications
Utilizing single RJ-45 connectors.
!
Lead free for external pins.
!
Insulation Resistance:10,000MΩ.
!
Operating temperature range :0℃ to +70℃.
!
Storage temperature range: -25℃ to +125℃.
Electrical Specifications @ 25°C
Turns Ratio
(±5%)
Part
Number
TX
RX
OCL(uH Min)
@100KHz/0.1V
with 8mA DC Bias
L.L
(uH Max)
Cw/w
(pF Max)
HI-POT
(Vrms)
40ST1060 LF
1CT:1CT
1:1
350
0.42
28
1500
Continue
Insertion Loss
(dB Max)
Return Loss
(dB Min)
Cross talk
(dB Min)
DCMR
(dB Min)
Part
Number
0.3-100MHz
0.3-30MHz 30-60MHz
60-80MHz
0.3-60MHz 60-100MHz
60MHz 100 MHz 200 MHz
40ST1060 LF
-1.15
-16
-12
-10
-40
-35
-37
-28
-25
Schematic
Mechanical
Bothhandusa.com
10/100 BASE QUAD PORT PULSE
TRANSFORMER
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434


Similar Part No. - 40ST1060LF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
40ST1060 BOTHHAND-40ST1060 Datasheet
754Kb / 5P
   10/100 BASE QUAD PORT PULSE TRANSFORMERS
40ST1060 BOTHHAND-40ST1060 Datasheet
185Kb / 1P
   10/100 BASE QUAD PORT PULSE TRANSFORMER
40ST1060 BOTHHAND-40ST1060 Datasheet
186Kb / 1P
   10/100 BASE QUAD PORT PULSE TRANSFORMER
40ST1060-1 BOTHHAND-40ST1060-1 Datasheet
754Kb / 5P
   10/100 BASE QUAD PORT PULSE TRANSFORMERS
40ST1060_M BOTHHAND-40ST1060_M Datasheet
185Kb / 1P
   10/100 BASE QUAD PORT PULSE TRANSFORMER
More results

Similar Description - 40ST1060LF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
40ST1060_M BOTHHAND-40ST1060_M Datasheet
185Kb / 1P
   10/100 BASE QUAD PORT PULSE TRANSFORMER
40ST1062 BOTHHAND-40ST1062 Datasheet
226Kb / 1P
   10/100 BASE QUAD PORT PULSE TRANSFORMER
40ST1060_S BOTHHAND-40ST1060_S Datasheet
186Kb / 1P
   10/100 BASE QUAD PORT PULSE TRANSFORMER
40ST1041 BOTHHAND-40ST1041_1 Datasheet
754Kb / 5P
   10/100 BASE QUAD PORT PULSE TRANSFORMERS
TN8515 BOTHHAND-TN8515 Datasheet
187Kb / 1P
   10/100 BASE PULSE TRANSFORMER
TS6121K BOTHHAND-TS6121K_1 Datasheet
196Kb / 1P
   10/100 BASE PULSE TRANSFORMER
TS21AYHF BOTHHAND-TS21AYHF Datasheet
232Kb / 2P
   10/100 BASE PULSE TRANSFORMER
TS6121A BOTHHAND-TS6121A_1 Datasheet
260Kb / 1P
   10/100 BASE PULSE TRANSFORMER
TS8121KLF BOTHHAND-TS8121KLF Datasheet
79Kb / 1P
   10/100 BASE PULSE TRANSFORMER
TS8114LF BOTHHAND-TS8114LF Datasheet
76Kb / 1P
   10 /100 BASE PULSE TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com