Electronic Components Datasheet Search |
|
B37872U5222S011 Datasheet(PDF) 4 Page - EPCOS |
|
B37872U5222S011 Datasheet(HTML) 4 Page - EPCOS |
4 / 14 page 1) Note: No operation on AC line. 2) For CR >10 nF the time constant τ = C R ins is given. 3) Refer to chapter "General technical information", "Ageing". Features Excellent EMI suppression Low parasitic inductance and low electrical losses High attenuation at higher natural resonant frequency Space saving on the PCB Based on AEC-Q200 Rev-C Applications EMI suppression / Decoupling and filtering Noise suppression and broadband I/O filtering Automotive brake systems (e.g. ABS) Hall sensors Termination 4 terminations, nickel barrier terminations (Ni) for lead-free soldering Options Alternative capacitance values, capacitance tolerances, C0G characteristic and feedthrough arrays available on request Delivery mode Cardboard tape, 180-mm reel Electrical data Temperature characteristic X7R Max. relative capacitance change within 55 ... +125 °C ∆C/C ±15 % Climatic category (IEC 60068-1) 55/125/56 Standard EIA Dielectric Class 2 Rated voltage1) VR 50, 100 VDC Test voltage Vtest 2.5 VR/5 s VDC Capacitance range CR 2.2 nF ... 10 nF; 220 nF Dissipation factor (limit value) tan δ < 25 10-3 DC resistance RDC < 600 m Ω Insulation resistance2) (at +25 °C) Rins > 105 M Ω Insulation resistance2) (at +125 °C) Rins > 104 M Ω Time constant2) (at +25 °C) τ > 1000 s Time constant2) (at +125 °C) τ > 100 s Operating temperature range Top 55 ... +125 °C Ageing3) yes Multilayer ceramic capacitors X7R Page 3 of 13 Please read Cautions and warnings and Important notes at the end of this document. |
Similar Part No. - B37872U5222S011_09 |
|
Similar Description - B37872U5222S011_09 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |