Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B37941R5102M041 Datasheet(PDF) 8 Page - EPCOS

Part # B37941R5102M041
Description  Multilayer ceramic capacitors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B37941R5102M041 Datasheet(HTML) 8 Page - EPCOS

Back Button B37941R5102M041 Datasheet HTML 4Page - EPCOS B37941R5102M041 Datasheet HTML 5Page - EPCOS B37941R5102M041 Datasheet HTML 6Page - EPCOS B37941R5102M041 Datasheet HTML 7Page - EPCOS B37941R5102M041 Datasheet HTML 8Page - EPCOS B37941R5102M041 Datasheet HTML 9Page - EPCOS B37941R5102M041 Datasheet HTML 10Page - EPCOS B37941R5102M041 Datasheet HTML 11Page - EPCOS B37941R5102M041 Datasheet HTML 12Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Ordering codes and packing for X7R, 16 VDC, nickel barrier terminations
Chip thickness
Cardboard tape,
∅180-mm reel
Cardboard tape,
∅330-mm reel
*
1
*
3
CR
Ordering code
mm
pcs./reel
pcs./reel
Case size 0405, 16 VDC, 2-fold arrays
1.0 nF
B37831R9102M02* 0.6
±0.1
5000
20000
10 nF
B37831R9103M02* 0.6
±0.1
5000
20000
22 nF
B37831R9223M02* 0.6
±0.1
5000
20000
33 nF
B37831R9333M02* 0.6
±0.1
5000
20000
Ordering codes and packing for X7R, 25 VDC, nickel barrier terminations
Chip thickness
Cardboard tape,
∅180-mm reel
Cardboard tape,
∅330-mm reel
*
1
*
3
CR
Ordering code
mm
pcs./reel
pcs./reel
Case size 0508, 25 VDC, 4-fold arrays
1.0 nF
B37941R0102M04* 0.85
±0.1
4000
16000
2.2 nF
B37941R0222M04* 0.85
±0.1
4000
16000
4.7 nF
B37941R0472M04* 0.85
±0.1
4000
16000
10 nF
B37941R0103M04* 0.85
±0.1
4000
16000
Ordering codes and packing for X7R, 50 VDC, nickel barrier terminations
Chip thickness
Cardboard tape,
∅180-mm reel
Cardboard tape,
∅330-mm reel
*
1
*
3
CR
Ordering code
mm
pcs./reel
pcs./reel
Case size 0508, 50 VDC, 4-fold arrays
1.0 nF
B37941R5102M04* 0.85
±0.1
4000
16000
Case size 0612, 50 VDC, 4-fold arrays
1.0 nF
B37872R5102M04* 0.85
±0.1
4000
16000
2.2 nF
B37872R5222M04* 0.85
±0.1
4000
16000
4.7 nF
B37872R5472M04* 0.85
±0.1
4000
16000
10 nF
B37872R5103M04* 0.85
±0.1
4000
16000
22 nF
B37872R5223M04* 0.85
±0.1
4000
16000
Multilayer ceramic capacitors
X7R
Page 7 of 14
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B37941R5102M041

ManufacturerPart #DatasheetDescription
logo
EPCOS
B37941R5100J021 EPCOS-B37941R5100J021 Datasheet
110Kb / 9P
   Multilayer Ceramic Capacitors Array
B37941R5100J021 EPCOS-B37941R5100J021 Datasheet
720Kb / 16P
   Multilayer ceramic capacitors
B37941R5100J023 EPCOS-B37941R5100J023 Datasheet
720Kb / 16P
   Multilayer ceramic capacitors
B37941R5100J041 EPCOS-B37941R5100J041 Datasheet
110Kb / 9P
   Multilayer Ceramic Capacitors Array
B37941R5100J041 EPCOS-B37941R5100J041 Datasheet
720Kb / 16P
   Multilayer ceramic capacitors
More results

Similar Description - B37941R5102M041

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
logo
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
   MULTILAYER CERAMIC CAPACITORS
Jul. 2023
logo
EPCOS
B37872U5222S011 EPCOS-B37872U5222S011_09 Datasheet
693Kb / 14P
   Multilayer ceramic capacitors
B37979N EPCOS-B37979N Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com