Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B37872U5222Z011 Datasheet(PDF) 10 Page - EPCOS

Part # B37872U5222Z011
Description  Multilayer ceramic capacitors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B37872U5222Z011 Datasheet(HTML) 10 Page - EPCOS

Back Button B37872U5222Z011 Datasheet HTML 6Page - EPCOS B37872U5222Z011 Datasheet HTML 7Page - EPCOS B37872U5222Z011 Datasheet HTML 8Page - EPCOS B37872U5222Z011 Datasheet HTML 9Page - EPCOS B37872U5222Z011 Datasheet HTML 10Page - EPCOS B37872U5222Z011 Datasheet HTML 11Page - EPCOS B37872U5222Z011 Datasheet HTML 12Page - EPCOS B37872U5222Z011 Datasheet HTML 13Page - EPCOS B37872U5222Z011 Datasheet HTML 14Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Cautions and warnings
How to select ceramic capacitors
Remember the following when selecting ceramic capacitors:
1. Ceramic capacitors that must fulfill high quality requirements must be qualified based on
AEC-Q200 Rev-C.
2. When ceramic capacitors are used at the connection to a battery or power supply (e.g. clamp
15 or 30 in an automobile) or for safety-relevant applications, two single ceramic capacitors
should be connected in series. Alternatively a ceramic capacitor with integrated series circuits
should be used in order to reduce the possibility of a short circuit caused by a fracture. The
MLSC from EPCOS contains such a series circuit in a single component.
3. The use of multilayer varistors (MLVs) is recommended for ESD protection (see chapter
“Effects on mechanical, thermal and electrical stress”, section 1.4).
4. Additional stress factors such as continuous operating voltage or application-specific derating
must be taken into account in the selection of components (refer to chapter “Reliability”).
Recommendations for the circuit board design
1. Components with an optimized geometrical design are preferable where permitted by the
application.
2. Use at least FR4 circuit board material.
3. Geometrically optimized circuit boards are preferable, especially those that cannot be
deformed.
4. Ceramic capacitors should be placed with a sufficient minimum distance from the edge of a
circuit board. High bending forces may be exerted there when boards are separated and
during further processing of a board (e.g. when incorporating it in a housing).
5. Ceramic capacitors should always be placed parallel to the possible bending axis of a circuit
board.
6. Screw connections should not be used to fix a board or connect several boards. Components
should not be placed near screw holes. If screw connections are unavoidable, they should be
cushioned, for instance using rubber pads.
Multilayer ceramic capacitors
X7R
Page 9 of 13
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B37872U5222Z011

ManufacturerPart #DatasheetDescription
logo
EPCOS
B37872U5222S0 EPCOS-B37872U5222S0 Datasheet
96Kb / 8P
   Multilayer Ceramic Capacitors
B37872U5222S011 EPCOS-B37872U5222S011 Datasheet
96Kb / 8P
   Multilayer Ceramic Capacitors
More results

Similar Description - B37872U5222Z011

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
logo
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
   MULTILAYER CERAMIC CAPACITORS
Jul. 2023
logo
EPCOS
B37979N EPCOS-B37979N Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com