Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B37872U5222Z011 Datasheet(PDF) 4 Page - EPCOS

Part # B37872U5222Z011
Description  Multilayer ceramic capacitors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B37872U5222Z011 Datasheet(HTML) 4 Page - EPCOS

  B37872U5222Z011 Datasheet HTML 1Page - EPCOS B37872U5222Z011 Datasheet HTML 2Page - EPCOS B37872U5222Z011 Datasheet HTML 3Page - EPCOS B37872U5222Z011 Datasheet HTML 4Page - EPCOS B37872U5222Z011 Datasheet HTML 5Page - EPCOS B37872U5222Z011 Datasheet HTML 6Page - EPCOS B37872U5222Z011 Datasheet HTML 7Page - EPCOS B37872U5222Z011 Datasheet HTML 8Page - EPCOS B37872U5222Z011 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
1) Note: No operation on AC line.
2) For CR >10 nF the time constant
τ = C R
ins is given.
3) Refer to chapter "General technical information", "Ageing".
Features
Excellent EMI suppression
Low parasitic inductance and low electrical losses
High attenuation at higher natural resonant
frequency
Space saving on the PCB
Based on AEC-Q200 Rev-C
Applications
EMI suppression / Decoupling and filtering
Noise suppression and broadband I/O filtering
Automotive brake systems (e.g. ABS)
Hall sensors
Termination
4 terminations, nickel barrier terminations (Ni) for lead-free soldering
Options
Alternative capacitance values, capacitance tolerances, C0G characteristic and feedthrough
arrays available on request
Delivery mode
Cardboard tape, 180-mm reel
Electrical data
Temperature characteristic
X7R
Max. relative capacitance change within
55 ... +125
°C ∆C/C ±15
%
Climatic category
(IEC 60068-1)
55/125/56
Standard
EIA
Dielectric
Class 2
Rated voltage1)
VR
50, 100
VDC
Test voltage
Vtest
2.5
VR/5 s
VDC
Capacitance range
CR
2.2 nF ... 10 nF; 220 nF
Dissipation factor
(limit value)
tan
δ < 25 10-3
DC resistance
RDC
< 600
m
Insulation resistance2)
(at +25
°C)
Rins
> 105
M
Insulation resistance2)
(at +125
°C)
Rins
> 104
M
Time constant2)
(at +25
°C)
τ
> 1000
s
Time constant2)
(at +125
°C)
τ
> 100
s
Operating temperature range
Top
55 ... +125
°C
Ageing3)
yes
Multilayer ceramic capacitors
X7R
Page 3 of 13
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B37872U5222Z011

ManufacturerPart #DatasheetDescription
logo
EPCOS
B37872U5222S0 EPCOS-B37872U5222S0 Datasheet
96Kb / 8P
   Multilayer Ceramic Capacitors
B37872U5222S011 EPCOS-B37872U5222S011 Datasheet
96Kb / 8P
   Multilayer Ceramic Capacitors
More results

Similar Description - B37872U5222Z011

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
logo
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
   MULTILAYER CERAMIC CAPACITORS
Jul. 2023
logo
EPCOS
B37979N EPCOS-B37979N Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com