Selected language     English  ▼


Q10.0-JXS53-12-10 Datasheet(PDF) 1 Page - Jauch Quartz Gmbh

Part No. Q10.0-JXS53-12-10
Description  SMD Quartz Crystal
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  JAUCH [Jauch Quartz Gmbh]
Homepage  http://www.jauchusa.com
Logo 

   
 1 page
background image
Jauch Quartz GmbH e-mail: info@jauch.de
full data can be found under: www.jauch.de / www.jauch.fr / www.jauchusa.com
All specifications are subject to change without notice
RoHS
2002/95/EC
Pb free: pins / pads
RoHS compliant
General Data
ESR (series resistance Rs)
SMD Quartz Crystal · JXS53
JXS53
10.0 ~ 55.0 MHz
( fund. - AT-cut )
± 10 ppm / ± 30 ppm
12 pF
standard (option 8 pF ~ 32 pF / series)
< 7 pF
-40 °C ~ +90 °C
100 µW
< ± 3 ppm first year
Marking
frequency with load capacitance code
company code / date code / internal code
date code:
year/month
example:
6A = 2006 January
actual size
Jan.
Febr.
Mar.
Apr.
May
June
AB
C
D
E
F
July
Aug.
Sept.
Oct.
Nov.
Dec.
GH
J
K
L
M
type
frequency range
frequency tolerance at 25 °C
load capacitance CL
shunt capacitance Co
storage temperature
drive level max.
aging
3.8±0.1
#4
#3
#1
#2
#4
#3
#1
#2
#3
#4
#1
#2
5.0±0.15
1.2±0.1
2.6±0.1
1.6±0.1
Dimensions
in mm
top view
side view
bottom view
crystal connection
pad layout
#2 - #4: connected to lid
frequency
vibration
ESR max.
ESR typ.
in MHz
mode
in Ω
in Ω
10.0 ~ 10.999
fund. - AT
50
30
11.0 ~ 11.999
fund. - AT
40
25
12.0 ~ 21.999
fund. - AT
40
20
22.0 ~ 24.999
fund. - AT
40
15
25.0 ~ 49.999
fund. - AT
30
15
50.0 ~ 55.000
fund. - AT
40
20
blank = -20 °C ~ +70 °C
T1 = -40 °C ~ +85 °C
FU = for fundamental frequencies ≥ 20 MHz
Order Information
Example: Q 30.0-JXS53-12-30/30-FU
(Suffix LF = RoHS compliant / Pb free pins or pads)
Q
frequency
type
load capacitance
Quartz
10.0 ~ 55.0 MHz
JXS53
12 pF standard
8 pF ~ 30 pF
S for series
10 = ± 10 ppm
30 = ± 30 ppm
see table
option
stability at
25 °C
stability vs.
temp. range
4 Pad Version
· 5.0 x 3.2 mm
Frequency Stability vs. Temperature
± 10 ppm
± 15 ppm
± 20 ppm
± 30 ppm
± 50 ppm
100 ppm
OO
O
OO
OO
O
O
-20 °C ~ +70 °C
STD.
-40 °C ~ +85 °C
T1
standard
O
available
± 10 ppm type available
EMI shielding possible by grounded lid
reflow soldering temperature: 260 °C max.
ceramic / metal package




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl