Selected language     English  ▼


Q10.0-JXG75P4-12-50 Datasheet(PDF) 1 Page - Jauch Quartz Gmbh

Part No. Q10.0-JXG75P4-12-50
Description  SMD Quartz Crystal
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  JAUCH [Jauch Quartz Gmbh]
Homepage  http://www.jauchusa.com
Logo 

   
 1 page
background image
Jauch Quartz GmbH e-mail: info@jauch.de
full data can be found under: www.jauch.de / www.jauch.fr / www.jauchusa.com
All specifications are subject to change without notice
RoHS
2002/95/EC
Pb free: pins / pads
RoHS compliant
SMD Quartz Crystal · JXG75P4
actual size
General Data
JXG75P4
5.0 ~ 50.0 MHz
( fund. AT-cut )
30.0 ~ 70.0 MHz
( 3rd OT AT-cut )
± 30 ppm
12 pF standard
(option: 10 pF ~ 30 pF / series)
< 7 pF max.
-40 °C ~ +125 °C
100 µW (10 µW recommended)
< ± 3 ppm first year
type
frequency range
frequency stability at 25 °C
load capacitance CL
shunt capacitance Co
storage temperature
drive level max.
aging
4 Pad Version
· 7.0 x 5.0 mm
blank = -20 °C ~ +70 °C
T1 = -40 °C ~ +85 °C
T2 = -40 °C ~ +105 °C
T3 = -40 °C ~ +125 °C
FU = for fundamental frequencies ≥ 20 MHz
3OT = 3rd overtone
HMR = High mechanical Resitance
(3000g/half sine wave/0.3ms)
Order Information
Example: Q 28.0-JXG75P4-12-30/30-FU-LF
(Suffix LF = RoHS compliant / Pb free pads)
Q
frequency
type
load capacitance
Quartz
5.0 ~ 70.0 MHz
JXG75P4
12 pF standard
10 pF ~ 30 pF
S for series
30 = ± 30 ppm
30 = ± 30 ppm
50 = ± 50 ppm
100 = ± 100 ppm
option
stability at
25 °C
stability vs.
temp. range
ESR (series resistance Rs)
frequency
vibration
ESR max.
ESR typ.
in MHz
mode
in Ω
in Ω
5.0 ~ 5.999
fund.-AT
200
120
6.0 ~ 6.999
fund.-AT
100
55
7.0 ~ 9.999
fund.-AT
80
30
10.0 ~ 15.999
fund.-AT
60
20
16.0 ~ 21.999
fund.-AT
50
15
22.0 ~ 39.999
fund.-AT
40
15
40.0 ~ 50.000
fund.-AT
30
11
30.0 ~ 44.999
3rd OT-AT
80
60
45.0 ~ 70.000
3rd OT-AT
70
55
Marking
frequency with load capacitance code
company code / date code / internal code
date code:
year/month
example:
6A = 2006 January
Jan.
Febr.
Mar.
Apr.
May
June
AB
C
D
E
F
July
Aug.
Sept.
Oct.
Nov.
Dec.
GH
J
K
L
M
Frequency Stability vs. Temperature
± 30 ppm
± 50 ppm
± 100 ppm
OO
O
O
O
O
-20 °C ~ +70 °C
-40 °C ~ +85 °C
-40 °C ~ +105 °C
-40 °C ~ +125 °C
standard
O
available
4.6±0.1
#1
#2
#3
#4
#4
#3
#1
#2
1.6±0.1
5.8±0.1
7.0±0.15
#2
#1
#3
#4
in mm
top view
side view
bottom view
crystal connection
pad layout
Dimensions
automotive temperature range available
high mechanical reliability type available
reflow soldering temperature: 260 °C max.
ceramic package




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl