Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q22.0-JXG53P4-12-100 Datasheet(PDF) 1 Page - Jauch Quartz Gmbh

Part # Q22.0-JXG53P4-12-100
Description  SMQDu Qarutaz rCtzr yCsrtyasl
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAUCH [Jauch Quartz Gmbh]
Direct Link  http://www.jauchusa.com
Logo JAUCH - Jauch Quartz Gmbh

Q22.0-JXG53P4-12-100 Datasheet(HTML) 1 Page - Jauch Quartz Gmbh

  Q22.0-JXG53P4-12-100 Datasheet HTML 1Page - Jauch Quartz Gmbh Q22.0-JXG53P4-12-100 Datasheet HTML 2Page - Jauch Quartz Gmbh  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Jauch Quartz GmbH e-mail: info@jauch.de
full data can be found under: www.jauch.de / www.jauch.fr / www.jauchusa.com
All specifications are subject to change without notice
RoHS
2002/95/EC
Pb free: pins / pads
RoHS compliant
Dimensions
General Data
ESR (series resistance Rs)
JXG53P4
8.0 ~ 50.0 MHz
( fund. AT-cut )
45.0 ~ 60.0 MHz
( 3rd OT AT-cut )
± 30 ppm
12 pF standard
(option: 10 pF ~ 30 pF / series)
< 7 pF max.
-40 °C ~ +125 °C
100 µW (10 µW recommended)
< ± 3 ppm first year
type
frequency range
frequency stability at 25 °C
load capacitance CL
shunt capacitance Co
storage temperature
drive level max.
aging
frequency
vibration
ESR max.
ESR typ.
in MHz
mode
in Ω
in Ω
8.0 ~ 8.999
fund.-AT
300
200
9.0 ~ 9.999
fund.-AT
250
180
10.0 ~ 11.999
fund.-AT
60
35
12.0 ~ 15.999
fund.-AT
60
25
16.0 ~ 21.999
fund.-AT
50
20
22.0 ~ 24.999
fund.-AT
40
15
25.0 ~ 50.000
fund.-AT
30
15
45.0 ~ 60.000
3rd OT-AT
90
65
Quartz Crystal • JXE 63
SMD Quartz Crystal · JXG53P4
4 Pad Version
· 5.0 x 3.2 mm
actual size
5.0±0.15
2.4±0.1
#1
#2
#3
#4
#4
#3
#1
#2
1.6±0.1
3.8±0.1
#2
#1
#3
#4
in mm
top view
side view
bottom view
crystal connection
pad layout
blank = -20 °C ~ +70 °C
T1 = -40 °C ~ +85 °C
T2 = -40 °C ~ +105 °C
T3 = -40 °C ~ +125 °C
FU = for fundamental frequencies ≥ 20 MHz
3OT = 3rd overtone
HMR = high mechanical resistance
(3000g/half sine wave/0.3ms)
Order Information
Example: Q 28.0-JXG53P4-12-30/30-FU-LF
(Suffix LF = RoHS compliant / Pb free pads)
Q
frequency
type
load capacitance
Quartz
8.0 ~ 60.0 MHz
JXG53P4
12 pF standard
10 pF ~ 30 pF
S for series
30 = ± 30 ppm
30 = ± 30 ppm
50 = ± 50 ppm
100 = ± 100 ppm
option
stability at
25 °C
stability vs.
temp. range
Marking
frequency with load capacitance code
company code / date code / internal code
date code:
year/month
example:
6A = 2006 January
Jan.
Febr.
Mar.
Apr.
May
June
AB
C
D
E
F
July
Aug.
Sept.
Oct.
Nov.
Dec.
GH
J
K
L
M
Frequency Stability vs. Temperature
± 30 ppm
± 50 ppm
± 100 ppm
OO
O
O
O
O
-20 °C ~ +70 °C
-40 °C ~ +85 °C
-40 °C ~ +105 °C
-40 °C ~ +125 °C
automotive temperature range available
high mechanical reliability type available
reflow soldering temperature: 260 °C max.
ceramic package
standard
O
available


Similar Part No. - Q22.0-JXG53P4-12-100

ManufacturerPart #DatasheetDescription
logo
Jauch Quartz Gmbh
Q22.0-JXG53P2-12-100 JAUCH-Q22.0-JXG53P2-12-100 Datasheet
126Kb / 2P
   SMQDu Qarutaz rCtzr yCsrtyasl
Q22.0-JXG53P2-12-30 JAUCH-Q22.0-JXG53P2-12-30 Datasheet
126Kb / 2P
   SMQDu Qarutaz rCtzr yCsrtyasl
Q22.0-JXG53P2-12-50 JAUCH-Q22.0-JXG53P2-12-50 Datasheet
126Kb / 2P
   SMQDu Qarutaz rCtzr yCsrtyasl
More results

Similar Description - Q22.0-JXG53P4-12-100

ManufacturerPart #DatasheetDescription
logo
Jauch Quartz Gmbh
JXG53P2 JAUCH-JXG53P2 Datasheet
126Kb / 2P
   SMQDu Qarutaz rCtzr yCsrtyasl
HC49-U JAUCH-HC49-U Datasheet
170Kb / 2P
   QuQarutza rCtzr yCsrtyasl
MQ5 JAUCH-MQ5 Datasheet
152Kb / 2P
   QuQarutza rCtzr yCsrtyas
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com