Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTV-4N35M Datasheet(PDF) 9 Page - Lite-On Technology Corporation

Part # LTV-4N35M
Description  Property of Lite-On Only
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTV-4N35M Datasheet(HTML) 9 Page - Lite-On Technology Corporation

  LTV-4N35M Datasheet HTML 1Page - Lite-On Technology Corporation LTV-4N35M Datasheet HTML 2Page - Lite-On Technology Corporation LTV-4N35M Datasheet HTML 3Page - Lite-On Technology Corporation LTV-4N35M Datasheet HTML 4Page - Lite-On Technology Corporation LTV-4N35M Datasheet HTML 5Page - Lite-On Technology Corporation LTV-4N35M Datasheet HTML 6Page - Lite-On Technology Corporation LTV-4N35M Datasheet HTML 7Page - Lite-On Technology Corporation LTV-4N35M Datasheet HTML 8Page - Lite-On Technology Corporation LTV-4N35M Datasheet HTML 9Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of LITE-ON Only
CHARACTERISTICS CURVES
Fig.7 Collector-emitter Saturation Voltage
Fig.8 Collector Dark Current vs.
Ambient Temperature
Fig.9 Response Time vs. Load
Fig.10 Frequency Response
Fig.11 Collector-emitter Saturation
Voltage vs. Forward Current
F
-6
-7
-8
-9
-10
-11
Ic= 0.5mA
1mA
2mA
Ta= 25 C
V = 5V
Ic= 2mA
Ta= 25 C
F
Ic= 2mA
I = 50mA
V = 10V
vs. Ambient Temperature
-12
-13
5mA
3mA
5
ts
td
tf
tr
Ta= 25 C
Ic= 2mA
V = 10V
L
7mA
Forward current I (mA)
Load resistance R (k )
Frequency f (kHz)
Ambient temperature Ta ( C)
Ambient temperature Ta ( C)
0.12
0.10
0.08
0.06
0.04
0.02
0
200
100
50
20
10
5
2
1
0.5
0.2
0.05 0.1 0.2 0.5 1
2
5 10 20 50
2
1
0.5
5 10 20
50 100 200 500
5
0
-5
-10
-15
-20
0
0
1
2
3
4
5
6
7
510
15
o
o
o
o
o
-55
-25
0
255075
100
-25
20
40
60
100 125
100
-55
10
10
10
10
10
10
10
10
5
5
5
5
5
5
Resistance
Input
R
Output
Input
R
D
Output
L
Vcc
td
tr
tf
ts
90%
10%
Output
RD
L
R
Vcc
Test Circuit for Response Time
Test Circuit for Frequency Response
RL=10k
1k
100
Part No. : LTV-4N35 / 4N37 ( M, S, S-TA, S-TA1 )
Page :
9of 9
BNS-OD-C131/A4


Similar Part No. - LTV-4N35M

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTV-4N25 LITEON-LTV-4N25 Datasheet
757Kb / 5P
   GENERAL PURPOSE TYPE PHOTOCOUPLER
LTV-4N25M LITEON-LTV-4N25M Datasheet
757Kb / 5P
   GENERAL PURPOSE TYPE PHOTOCOUPLER
LTV-4N25M LITEON-LTV-4N25M Datasheet
270Kb / 9P
   Property of Lite-On Only
LTV-4N25S LITEON-LTV-4N25S Datasheet
757Kb / 5P
   GENERAL PURPOSE TYPE PHOTOCOUPLER
LTV-4N25S LITEON-LTV-4N25S Datasheet
270Kb / 9P
   Property of Lite-On Only
More results

Similar Description - LTV-4N35M

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV-852 TENAND-LTV-852 Datasheet
337Kb / 10P
   Property of LITE-ON Only
LTV-3120 TENAND-LTV-3120 Datasheet
478Kb / 18P
   Property of Lite-on Only
LTV-815 TENAND-LTV-815 Datasheet
412Kb / 13P
   Property of LITE-ON Only
logo
Lite-On Technology Corp...
LTW-020ZDCG5 LITEON-LTW-020ZDCG5 Datasheet
447Kb / 11P
   Property of Lite-On Only
LTH-306-18 LITEON-LTH-306-18 Datasheet
150Kb / 4P
   Property of Lite-On Only
LTH-306-64 LITEON-LTH-306-64 Datasheet
275Kb / 6P
   Property of Lite-On Only
LTH-326-02W2 LITEON-LTH-326-02W2 Datasheet
154Kb / 4P
   Property of Lite-On Only
LTH-860-P51W1 LITEON-LTH-860-P51W1 Datasheet
164Kb / 5P
   Property of Lite-On Only
LTV-733 LITEON-LTV-733 Datasheet
220Kb / 9P
   Property of LITE-ON Only
LTV-816-T LITEON-LTV-816-T Datasheet
271Kb / 10P
   Property of Lite-On Only
LTW-C230DC LITEON-LTW-C230DC Datasheet
591Kb / 10P
   Property of Lite-On Only
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com