Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTV-4N37S Datasheet(PDF) 8 Page - Lite-On Technology Corporation

Part # LTV-4N37S
Description  Property of Lite-On Only
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTV-4N37S Datasheet(HTML) 8 Page - Lite-On Technology Corporation

  LTV-4N37S Datasheet HTML 1Page - Lite-On Technology Corporation LTV-4N37S Datasheet HTML 2Page - Lite-On Technology Corporation LTV-4N37S Datasheet HTML 3Page - Lite-On Technology Corporation LTV-4N37S Datasheet HTML 4Page - Lite-On Technology Corporation LTV-4N37S Datasheet HTML 5Page - Lite-On Technology Corporation LTV-4N37S Datasheet HTML 6Page - Lite-On Technology Corporation LTV-4N37S Datasheet HTML 7Page - Lite-On Technology Corporation LTV-4N37S Datasheet HTML 8Page - Lite-On Technology Corporation LTV-4N37S Datasheet HTML 9Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of LITE-ON Only
CHARACTERISTICS CURVES
Fig.1 Forward Current vs. Ambient
Fig.2 Collector Power Dissipation vs.
Ambient Temperature
Fig.3 Forward Current vs. Forward
F
60
80
40
100
20
0
-55
0
25
50
75
125
100
100 125
75
50
25
0
-55
0
200
300
400
500
10
1
200
100
50
20
2
5
3.0
2.5
2.0
1.5
1.0
0.5
0
Ta= 75 C
50 C
25 C
0 C
-25 C
10
15
5
50
20
F
5mA
2mA
Pc(MAX.)
I = 15mA
Ta= 25 C
Ta= 25 C
V = 10V
30
20
0
0
5
210
1
0
F
Collector-emitter Voltage
Fig.5 Collector Current vs.
Forward Current
Fig.4 Current Transfer Ratio vs.
-25
-25
0.1 0.2
0.5
100
10mA
100
20
40
60
80
100
120
140
160
R =
10
Fig.6 Relative Current Transfer Ratio
vs. Ambient Temperature
150
100
50
0
-55
0
25
50
75
100
-25
Ambient temperature Ta ( C)
Forward voltage V (V)
Collector-emitter voltage V (V)
Ambient temperature Ta ( C)
Forward current I (mA)
Ambient temperature Ta ( C)
Temperature
o
o
o
o
o
o
o
o
o
o
100k
100k
Voltage
VCE= 10V
IF=10mA
Part No. : LTV-4N35 / 4N37 ( M, S, S-TA, S-TA1 )
Page :
8of 9
BNS-OD-C131/A4


Similar Part No. - LTV-4N37S

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTV-4N25 LITEON-LTV-4N25 Datasheet
757Kb / 5P
   GENERAL PURPOSE TYPE PHOTOCOUPLER
LTV-4N25M LITEON-LTV-4N25M Datasheet
757Kb / 5P
   GENERAL PURPOSE TYPE PHOTOCOUPLER
LTV-4N25M LITEON-LTV-4N25M Datasheet
270Kb / 9P
   Property of Lite-On Only
LTV-4N25S LITEON-LTV-4N25S Datasheet
757Kb / 5P
   GENERAL PURPOSE TYPE PHOTOCOUPLER
LTV-4N25S LITEON-LTV-4N25S Datasheet
270Kb / 9P
   Property of Lite-On Only
More results

Similar Description - LTV-4N37S

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV-852 TENAND-LTV-852 Datasheet
337Kb / 10P
   Property of LITE-ON Only
LTV-3120 TENAND-LTV-3120 Datasheet
478Kb / 18P
   Property of Lite-on Only
LTV-815 TENAND-LTV-815 Datasheet
412Kb / 13P
   Property of LITE-ON Only
logo
Lite-On Technology Corp...
LTW-020ZDCG5 LITEON-LTW-020ZDCG5 Datasheet
447Kb / 11P
   Property of Lite-On Only
LTH-306-18 LITEON-LTH-306-18 Datasheet
150Kb / 4P
   Property of Lite-On Only
LTH-306-64 LITEON-LTH-306-64 Datasheet
275Kb / 6P
   Property of Lite-On Only
LTH-326-02W2 LITEON-LTH-326-02W2 Datasheet
154Kb / 4P
   Property of Lite-On Only
LTH-860-P51W1 LITEON-LTH-860-P51W1 Datasheet
164Kb / 5P
   Property of Lite-On Only
LTV-733 LITEON-LTV-733 Datasheet
220Kb / 9P
   Property of LITE-ON Only
LTV-816-T LITEON-LTV-816-T Datasheet
271Kb / 10P
   Property of Lite-On Only
LTW-C230DC LITEON-LTW-C230DC Datasheet
591Kb / 10P
   Property of Lite-On Only
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com