Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B37933K5020B760 Datasheet(PDF) 5 Page - EPCOS

Part # B37933K5020B760
Description  Multilayer ceramic capacitors
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B37933K5020B760 Datasheet(HTML) 5 Page - EPCOS

  B37933K5020B760 Datasheet HTML 1Page - EPCOS B37933K5020B760 Datasheet HTML 2Page - EPCOS B37933K5020B760 Datasheet HTML 3Page - EPCOS B37933K5020B760 Datasheet HTML 4Page - EPCOS B37933K5020B760 Datasheet HTML 5Page - EPCOS B37933K5020B760 Datasheet HTML 6Page - EPCOS B37933K5020B760 Datasheet HTML 7Page - EPCOS B37933K5020B760 Datasheet HTML 8Page - EPCOS B37933K5020B760 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
HQF
Ordering code system
B37923
K
5
100
J
0
60
Type and size
Chip size (inch/mm) = Temperature characteristic HQF
0402/1005
B37923
0603/1608
B37933
Termination
Standard:
K
nickel barrier for all case sizes
Rated voltage
5 (Code)
50 VDC
Capacitance, coded (example)
100
10
100 pF = 10 pF
Capacitance tolerance
CR < 10 pF:
B
±0.1 pF (standard for capacitance values ≤ 3.9 pF)
C
±0.25 pF (standard for capacitance values ≤ 8.2 pF)
D
±0.5 pF
CR
≥ 10 pF:
F
±1%
G
±2%
J
±5% (standard)
K
±10%
Decimal place for cap. values < 10 pF, otherwise not used
Packaging
60
cardboard tape, 180-mm reel
70
cardboard tape, 330-mm reel
Multilayer ceramic capacitors
Chip
HQF
Page 2 of 19
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B37933K5020B760

ManufacturerPart #DatasheetDescription
logo
EPCOS
B37933K5020B7 EPCOS-B37933K5020B7 Datasheet
126Kb / 14P
   Ultra-low ESR and high Q factor
More results

Similar Description - B37933K5020B760

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
logo
EPCOS
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
   MULTILAYER CERAMIC CAPACITORS
Jul. 2023
logo
EPCOS
B37872U5222S011 EPCOS-B37872U5222S011_09 Datasheet
693Kb / 14P
   Multilayer ceramic capacitors
B37979N EPCOS-B37979N Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com