Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMQ32 Datasheet(PDF) 1 Page - Jauch Quartz Gmbh

Part # SMQ32
Description  Quartz Crystal
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAUCH [Jauch Quartz Gmbh]
Direct Link  http://www.jauchusa.com
Logo JAUCH - Jauch Quartz Gmbh

SMQ32 Datasheet(HTML) 1 Page - Jauch Quartz Gmbh

  SMQ32 Datasheet HTML 1Page - Jauch Quartz Gmbh SMQ32 Datasheet HTML 2Page - Jauch Quartz Gmbh  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Jauch Quartz GmbH e-mail: info@jauch.de
full data can be found under: www.jauch.de / www.jauch.fr / www.jauchusa.com
All specifications are subject to change without notice
RoHS
2002/95/EC
Pb free: pins / pads
RoHS compliant
Quartz Crystal · SMQ32
SMD Tuning Fork Crystal
· 13.2 x 4.9 mm
Dimensions
top view
side view
bottom view
crystal connection
pad layout
in mm
9.4±0.1
# 1
# 2
# 4
# 3
13.2±0.2
1.8±0.1
3.0±0.1
6.7±0.1
2.0±0.1
3.4±0.1
Terminals
# 1 - # 4 X-tal
# 2 - # 3 GND
actual size
#2 - #3:
connected to housing
Marking
Frequency Stability vs. Temperature
- 80 ppm
- 160 ppm
-20 °C ~ +70 °C
STD.
-40 °C ~ +85 °C
T1
standard
Jan.
Febr.
Mar.
Apr.
May
June
AB
C
D
E
F
July
Aug.
Sept.
Oct.
Nov.
Dec.
GH
J
K
L
M
company code / 327 / date code
date code:
A ~ M: Jan.- Dec.
5: 2005
6: 2006
7: 2007
# 1
# 2
# 3
# 4
Order Information
Example: Q 0.032768-
SMQ32-12.5-20
(Suffix LF = RoHS compliant / Pb free pads)
blank = -20 °C ~ +70 °C
T1 = -40 °C ~ +85 °C
Q
frequency
type
load capacitance
Quartz
0.032768 MHz
SMQ32
6 pF ~ 12.5 pF
12.5 pF Std.
30 = ± 30 ppm
20 = ± 20 ppm
option
stability at
25 °C
32.768 kHz standard
reflow soldering temperature: 260 °C max.
package height 4.8 mm max.
General Data
SMQ32
32.768 kHz (30.0 ~ 80.0 kHz on request)
± 20 ppm / ± 30 ppm
12.5 pF Std. (6 pF ~ 12.5 pF)
-0.04 · 10-6 /°C
2 max.
-0.034 · 10-6 /°C
2 typical
f (ppm) = -0.04 ( 25 °C - T )
2
T = requested temperature
-20 °C ~ +70 °C / -40 °C ~ +85 °C
2 pF typical
33.0 kΩ
-40 °C ~ +90 °C
1 µW
< ± 5 ppm
type
frequency
frequency tolerance at 25 °C ± 5 °C
load capacitance CL
temperature constant
frequency temperature characteristic
operating tenperature range
shunt capacitance Co
series resistance max. ( ESR )
storage temperature
drive level max.
aging first year


Similar Part No. - SMQ32

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMQ320C32 TI-SMQ320C32 Datasheet
577Kb / 43P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SMQ320C32 TI1-SMQ320C32 Datasheet
645Kb / 45P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SMQ320C32PCM TI-SMQ320C32PCM Datasheet
577Kb / 43P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SMQ320C32 TI1-SMQ320C32_09 Datasheet
645Kb / 45P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SMQ320C50 TI-SMQ320C50 Datasheet
483Kb / 31P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results

Similar Description - SMQ32

ManufacturerPart #DatasheetDescription
logo
Jauch Quartz Gmbh
JXE63 JAUCH-JXE63 Datasheet
67Kb / 2P
   Quartz Crystal
JXE115 JAUCH-JXE115 Datasheet
65Kb / 2P
   Quartz Crystal
SM26F JAUCH-SM26F Datasheet
79Kb / 1P
   Quartz Crystal
HC49-U-SMC JAUCH-HC49-U-SMC Datasheet
151Kb / 2P
   Quartz Crystal
logo
List of Unclassifed Man...
HC-49US ETC1-HC-49US Datasheet
216Kb / 1P
   QUARTZ CRYSTAL
logo
ECS, Inc.
CSM-3X ECS-CSM-3X Datasheet
601Kb / 2P
   Quartz Crystal
HC-49U ECS-HC-49U Datasheet
157Kb / 1P
   QUARTZ CRYSTAL
HC-49US ECS-HC-49US Datasheet
216Kb / 1P
   QUARTZ CRYSTAL
logo
IQD Frequency Products ...
LFXTAL032878 IQD-LFXTAL032878 Datasheet
268Kb / 1P
   Quartz Crystal
LFXTAL057623 IQD-LFXTAL057623 Datasheet
144Kb / 1P
   Quartz Crystal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com