Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B37931X1102K060 Datasheet(PDF) 5 Page - EPCOS

Part # B37931X1102K060
Description  Multilayer ceramic capacitors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B37931X1102K060 Datasheet(HTML) 5 Page - EPCOS

  B37931X1102K060 Datasheet HTML 1Page - EPCOS B37931X1102K060 Datasheet HTML 2Page - EPCOS B37931X1102K060 Datasheet HTML 3Page - EPCOS B37931X1102K060 Datasheet HTML 4Page - EPCOS B37931X1102K060 Datasheet HTML 5Page - EPCOS B37931X1102K060 Datasheet HTML 6Page - EPCOS B37931X1102K060 Datasheet HTML 7Page - EPCOS B37931X1102K060 Datasheet HTML 8Page - EPCOS B37931X1102K060 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Features
Two series-connected ceramic capacitors in a
single component
The MLSC thus satisfies the requirements of the
automobile manufacturers for applications on the
battery / generator (e.g. clamp 30 or clamp 15)
in a single component.
Reduction of the effects of a
bending fracture
placement fracture
solder-shock crack
thanks to a lower probability of a short circuit.
Evaluation criteria: Insulation resistance >10 k after the following treatment
bending until crack
humidity tests (85
°C/85% RH, rated voltage), 14 days
The breakdown voltage of MLSCs in the case of a typical bending crack is still greater than
five times the rated voltage.
Both undamaged and cracked MLSCs are capable of fulfilling the requirements to
ISO 7637 for 12 V automotive power systems, including load-dump and jump-start
requirements (24 V/1 h and 36 V/1 h).
Based on AEC-Q200 Rev-C
Applications
Automobile electronics
for direct connection to the car battery or generator
at positions with “stranding potential”
as RF filters in small motors (e.g. electrically operated windows)
Power electronics (e.g. DC/DC converters)
Smoothing capacitors (e.g. on the rechargeable battery in mobile equipment)
Cautions
A short circuit cannot be completely excluded. The use of MLSCs does not therefore result in
100% fail-safe operation, but in the event of a crack the probability of a short circuit can be
greatly reduced.
In the event of an untypical (bending) crack formation (e. g. double-sided crack or extreme
mounting crack) and other mechanical or thermal damage to the capacitor, the capacitor may
have a low ohmic state.
Multilayer ceramic capacitors
MLSC; X7R
Page 4 of 16
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B37931X1102K060

ManufacturerPart #DatasheetDescription
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
B37931-K5102-K60 ETC2-B37931-K5102-K60 Datasheet
323Kb / 17P
   Multilayer Chip Capacitors
B37931-K5103-K60 ETC2-B37931-K5103-K60 Datasheet
323Kb / 17P
   Multilayer Chip Capacitors
B37931-K5152-K60 ETC2-B37931-K5152-K60 Datasheet
323Kb / 17P
   Multilayer Chip Capacitors
B37931-K5221-K60 ETC2-B37931-K5221-K60 Datasheet
323Kb / 17P
   Multilayer Chip Capacitors
More results

Similar Description - B37931X1102K060

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
logo
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
   MULTILAYER CERAMIC CAPACITORS
Jul. 2023
logo
EPCOS
B37872U5222S011 EPCOS-B37872U5222S011_09 Datasheet
693Kb / 14P
   Multilayer ceramic capacitors
B37979N EPCOS-B37979N Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com