Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B37923K5000B760 Datasheet(PDF) 6 Page - EPCOS

Part # B37923K5000B760
Description  Multilayer ceramic capacitors
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B37923K5000B760 Datasheet(HTML) 6 Page - EPCOS

Back Button B37923K5000B760 Datasheet HTML 2Page - EPCOS B37923K5000B760 Datasheet HTML 3Page - EPCOS B37923K5000B760 Datasheet HTML 4Page - EPCOS B37923K5000B760 Datasheet HTML 5Page - EPCOS B37923K5000B760 Datasheet HTML 6Page - EPCOS B37923K5000B760 Datasheet HTML 7Page - EPCOS B37923K5000B760 Datasheet HTML 8Page - EPCOS B37923K5000B760 Datasheet HTML 9Page - EPCOS B37923K5000B760 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
1) For CR >10 nF the time constant
τ = C R
ins is given.
Features
Ultra-low ESR and high Q factor
Tight capacitance tolerances
High stability with respect to time,
temperature (TCC: 0
± 60 ppm/°C), frequency and voltage
Class 1 characteristic with copper inner electrodes
Excellent attenuation
High self-resonant frequency
Lower power dissipation / Less energy absorption
Based on AEC-Q200 Rev-C
Applications
High-frequency applications
Matching circuits
Cellular communication, Bluetooth, DECT
Cable TV, satellite TV (LNB), GPS, satellite radio
Filters, RF amplifiers, VCOs
Termination
Nickel barrier terminations (Ni) for lead-free soldering
Options
Alternative capacitance values and tolerances available on request
Delivery mode
Cardboard tape, 180-mm and 330-mm reel available
Electrical data
Temperature characteristic
C0H
Climatic category
(IEC 60068-1)
55/125/56
Standard
EIA
Dielectric
Class 1
Rated voltage
VR
50
VDC
Test voltage
Vtest
2.5
VR/5 s
VDC
Capacitance range
CR
0.3 pF ... 82 pF
Temperature coefficient
0
±60 10-6/K
Dissipation factor
(limit value)
tan
δ < 1.0 10-3
Insulation resistance1)
(at +25
°C)
Rins
> 105
M
Insulation resistance1)
(at +125
°C)
Rins
> 104
M
Time constant1)
(at +25
°C)
τ
> 1000
s
Time constant1)
(at +125
°C)
τ
> 100
s
Operating temperature range
Top
55 ... +125
°C
Ageing
none
Multilayer ceramic capacitors
HQF
Page 3 of 19
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B37923K5000B760

ManufacturerPart #DatasheetDescription
logo
EPCOS
B37923K5000B7 EPCOS-B37923K5000B7 Datasheet
126Kb / 14P
   Ultra-low ESR and high Q factor
More results

Similar Description - B37923K5000B760

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
logo
EPCOS
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
   MULTILAYER CERAMIC CAPACITORS
Jul. 2023
logo
EPCOS
B37872U5222S011 EPCOS-B37872U5222S011_09 Datasheet
693Kb / 14P
   Multilayer ceramic capacitors
B37979N EPCOS-B37979N Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com