Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B44033-A85 Datasheet(PDF) 4 Page - EPCOS

Part # B44033-A85
Description  Mounting parts
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B44033-A85 Datasheet(HTML) 4 Page - EPCOS

  B44033-A85 Datasheet HTML 1Page - EPCOS B44033-A85 Datasheet HTML 2Page - EPCOS B44033-A85 Datasheet HTML 3Page - EPCOS B44033-A85 Datasheet HTML 4Page - EPCOS B44033-A85 Datasheet HTML 5Page - EPCOS B44033-A85 Datasheet HTML 6Page - EPCOS B44033-A85 Datasheet HTML 7Page - EPCOS B44033-A85 Datasheet HTML 8Page - EPCOS B44033-A85 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
346 09/05
Mounting parts
Half shells for capacitors 178,5 mm in diameter:
Front half shell with end stop
Rear half shell without end stop
Dimensions in mm
KLK1340-W
A
A
178
ø178,5
Section A-A
7
ø7,5
40
10
KLK0861-A
A
A
178
ø178,5
Section A-A
40
10


Similar Part No. - B44033-A85

ManufacturerPart #DatasheetDescription
logo
EPCOS
B44033-A1143 EPCOS-B44033-A1143 Datasheet
113Kb / 7P
   Half shells (semicircular supports) and tightening clamps
B44033-A1178 EPCOS-B44033-A1178 Datasheet
113Kb / 7P
   Half shells (semicircular supports) and tightening clamps
B44033-A2143 EPCOS-B44033-A2143 Datasheet
113Kb / 7P
   Half shells (semicircular supports) and tightening clamps
B44033-A2178 EPCOS-B44033-A2178 Datasheet
113Kb / 7P
   Half shells (semicircular supports) and tightening clamps
B44033-A3143 EPCOS-B44033-A3143 Datasheet
113Kb / 7P
   Half shells (semicircular supports) and tightening clamps
More results

Similar Description - B44033-A85

ManufacturerPart #DatasheetDescription
logo
EPCOS
B44031 EPCOS-B44031 Datasheet
59Kb / 1P
   Mounting Parts
logo
Pulse A Technitrol Comp...
BAHEXNUT PULSE-BAHEXNUT Datasheet
3Mb / 4P
   PARTS/ACCESSORIES
logo
Qualtek Electronics Cor...
QAS QUALTEK-QAS Datasheet
529Kb / 1P
   MOLDED PARTS
QMR QUALTEK-QMR Datasheet
617Kb / 1P
   MOLDED PARTS
QCB QUALTEK-QCB Datasheet
502Kb / 1P
   MOLDED PARTS
logo
Productwell Precision E...
QMB320-60-24 PRODUCTWELL-QMB320-60-24 Datasheet
553Kb / 1P
   MOLDED PARTS
logo
Qualtek Electronics Cor...
QCFT QUALTEK-QCFT Datasheet
584Kb / 1P
   MOLDED PARTS
QLB QUALTEK-QLB Datasheet
649Kb / 1P
   MOLDED PARTS
logo
OSRAM GmbH
6614035WPK32D OSRAM-6614035WPK32D Datasheet
153Kb / 5P
   Original spare parts
2351MFX61W1 OSRAM-2351MFX61W1 Datasheet
132Kb / 4P
   Original spare parts
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com