Electronic Components Datasheet Search |
|
NMOA8100GFF-XX01-4015 Datasheet(PDF) 1 Page - Emcore Corporation |
|
NMOA8100GFF-XX01-4015 Datasheet(HTML) 1 Page - Emcore Corporation |
1 / 4 page PRELIMINARY DATA SHEET | OCTOBER 9, 2008 1of 4 For more information on this and other products: Contact Sales at EMCORE 626-293-3400, or visit www.emcore.com. Applications CATV Supertrunking Redundant Ring Architectures High Power Distribution Networks FTTx networks Features High Saturation Output Power up to 27 dBm Dual Power Supplies, Redundant & Hot Swappable – AC or DC Front Panel Optical Input & Output Monitor ports SNMPv2 Control Interface Low Noise Figure for CATV Wide Input Dynamic Range Very Stable Output Power Over a Wide Operating Temperature Range Optional Automatic Gain Control or Constant Output Power Operation Optional Gain Flatness Specifications The NMOA8100 series product line is a family of state-of-the-art high performance CATV erbium doped fiber amplifiers (EDFA). Packaged in a convenient 1RU housing, this line of fiber amplifiers uses the latest DSP technology at the core of electrical control circuitry resulting in superior output power stability & exceptionally low noise figures demanded by CATV applications. The NMOA8100 provides very stable optical outputs over a wide operating temperature range. Internally it is supported with input and output isolators for enhanced system stability and performance. Optical power is continuously monitored at the input and output for automatic power control during operation over a wide operating temperature range. The NMOA8100 offers a rich set of features. These include remote management capability through SNMPv2 and telnet. The NMOA8100 also supports MIBs specified by SCTE (Society of Cable Television Engineers) for this product class. Additionally, the front panel’s LCD and button provides the operator with the option to both monitor the status of the amplifier and control/operate the amplifier locally. NMOA8100 Series Erbium Doped Fiber Amplifier |
Similar Part No. - NMOA8100GFF-XX01-4015 |
|
Similar Description - NMOA8100GFF-XX01-4015 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |