Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B37979G1102J000 Datasheet(PDF) 11 Page - EPCOS

Part # B37979G1102J000
Description  Multilayer ceramic capacitors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B37979G1102J000 Datasheet(HTML) 11 Page - EPCOS

Back Button B37979G1102J000 Datasheet HTML 7Page - EPCOS B37979G1102J000 Datasheet HTML 8Page - EPCOS B37979G1102J000 Datasheet HTML 9Page - EPCOS B37979G1102J000 Datasheet HTML 10Page - EPCOS B37979G1102J000 Datasheet HTML 11Page - EPCOS B37979G1102J000 Datasheet HTML 12Page - EPCOS B37979G1102J000 Datasheet HTML 13Page - EPCOS B37979G1102J000 Datasheet HTML 14Page - EPCOS B37979G1102J000 Datasheet HTML 15Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Ordering codes and packing for C0G, 50 VDC, lead spacing 2.5 mm
Ammo packing
Reel packing
Bulk
**
54
**
51
**
00
CR
Ordering code
pcs.
pcs./reel
pcs.
B37979N, 50 VDC
100 pF
B37979N5101J0**
2500
2500
2000
150 pF
B37979N5151J0**
2500
2500
2000
220 pF
B37979N5221J0**
2500
2500
2000
330 pF
B37979N5331J0**
2500
2500
2000
470 pF
B37979N5471J0**
2500
2500
2000
680 pF
B37979N5681J0**
2500
2500
2000
1.0 nF
B37979N5102J0**
2500
2500
2000
1.5 nF
B37979N5152J0**
2500
2500
2000
2.2 nF
B37979N5222J0**
2500
2500
2000
B37986N, 50 VDC
3.3 nF
B37986N5332J0**
2500
2500
2000
4.7 nF
B37986N5472J0**
2500
2500
2000
6.8 nF
B37986N5682J0**
2500
2500
2000
10 nF
B37986N5103J0**
2500
2500
2000
Ordering codes and packing for C0G, 50 VDC, lead spacing 5.0 mm
Ammo packing
Reel packing
Bulk
**
54
**
51
**
00
CR
Ordering code
pcs.
pcs./reel
pcs.
B37979G, 50 VDC
100 pF
B37979G5101J0**
2500
2500
2000
150 pF
B37979G5151J0**
2500
2500
2000
220 pF
B37979G5221J0**
2500
2500
2000
330 pF
B37979G5331J0**
2500
2500
2000
470 pF
B37979G5471J0**
2500
2500
2000
680 pF
B37979G5681J0**
2500
2500
2000
1.0 nF
B37979G5102J0**
2500
2500
2000
1.5 nF
B37979G5152J0**
2500
2500
2000
2.2 nF
B37979G5222J0**
2500
2500
2000
Multilayer ceramic capacitors
C0G
Page 6 of 15
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B37979G1102J000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B37979G1100J000 EPCOS-B37979G1100J000 Datasheet
119Kb / 15P
   Multilayer Ceramic Capacitors
B37979G1100J051 EPCOS-B37979G1100J051 Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
B37979G1100J051 EPCOS-B37979G1100J051 Datasheet
119Kb / 15P
   Multilayer Ceramic Capacitors
B37979G1100J054 EPCOS-B37979G1100J054 Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
B37979G1100J054 EPCOS-B37979G1100J054 Datasheet
119Kb / 15P
   Multilayer Ceramic Capacitors
More results

Similar Description - B37979G1102J000

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
logo
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
   MULTILAYER CERAMIC CAPACITORS
Jul. 2023
logo
EPCOS
B37872U5222S011 EPCOS-B37872U5222S011_09 Datasheet
693Kb / 14P
   Multilayer ceramic capacitors
B37979N EPCOS-B37979N Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com