Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B59085G1120A161 Datasheet(PDF) 2 Page - EPCOS

Part # B59085G1120A161
Description  PTC thermistors for overcurrent protection
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B59085G1120A161 Datasheet(HTML) 2 Page - EPCOS

  B59085G1120A161_09 Datasheet HTML 1Page - EPCOS B59085G1120A161_09 Datasheet HTML 2Page - EPCOS B59085G1120A161_09 Datasheet HTML 3Page - EPCOS B59085G1120A161_09 Datasheet HTML 4Page - EPCOS B59085G1120A161_09 Datasheet HTML 5Page - EPCOS B59085G1120A161_09 Datasheet HTML 6Page - EPCOS B59085G1120A161_09 Datasheet HTML 7Page - EPCOS B59085G1120A161_09 Datasheet HTML 8Page - EPCOS B59085G1120A161_09 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Applications
Power supplies
Industrial electronics
Consumer electronics
Features
Surface mount placement
Narrow resistance tolerance
UL approval to UL 1434 for Vmax = 245 V
(file number E69802)
Marked with manufacturer's logo and type
designation
RoHS-compatible
Options
Alternative tolerances and resistances on
request
Delivery mode
Blister tape, 330-mm reel with 16-mm tape,
taping to IEC 60286-3
Dimensional drawing
Solder pad
General technical data
Max. operating voltage
Vmax
265
V AC
Rated voltage
VR
230
V AC
Operating temperature range
(V = 0)
Top
20/+125
°C
Operating temperature range
(V = 230 V)
Top
0/+70
°C
Electrical specifications and ordering codes
Type
IR
@ 25
°C
mA
IS
@ 25
°C
mA
ISmax
@ 230
V AC
A
Ir
(typ.)
(V = Vmax)
mA
RR
∆R
R
%
Rmin
Ordering code
G1085
180
400
1.0
14
10
±20
8.8
B59085G1120A161
G1080
130
270
2.8
12
25
±20
21
B59080G1120B262
G1084
90
190
2.5
11
50
±15
40
B59084G1120A161
Overcurrent protection
SMD disks, 265 V
Page 2 of 9
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B59085G1120A161_09

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59085G1120A161 EPCOS-B59085G1120A161 Datasheet
303Kb / 4P
   Line Card Applications, SMDs
B59085G1120A161 EPCOS-B59085G1120A161 Datasheet
231Kb / 11P
   PTC thermistors for overcurrent protection in telecom applications
More results

Similar Description - B59085G1120A161_09

ManufacturerPart #DatasheetDescription
logo
EPCOS
B5960 EPCOS-B5960 Datasheet
330Kb / 10P
   PTC Thermistors for Overcurrent Protection
B59301P1080A062 EPCOS-B59301P1080A062_09 Datasheet
319Kb / 10P
   PTC thermistors for overcurrent protection
B59315P1080A062 EPCOS-B59315P1080A062 Datasheet
328Kb / 10P
   PTC thermistors for overcurrent protection
B59750B0120A070 EPCOS-B59750B0120A070 Datasheet
410Kb / 13P
   PTC thermistors for overcurrent protection
B59810C0130A070 EPCOS-B59810C0130A070_09 Datasheet
674Kb / 16P
   PTC thermistors for overcurrent protection
B59880C0120A051 EPCOS-B59880C0120A051 Datasheet
436Kb / 16P
   PTC thermistors for overcurrent protection
B59995C120A70 EPCOS-B59995C120A70 Datasheet
305Kb / 10P
   PTC thermistors for overcurrent protection
B59607A120A62 EPCOS-B59607A120A62 Datasheet
706Kb / 27P
   PTC thermistors for overcurrent protection
OC_LEADED_230V_C_B598 EPCOS-OC_LEADED_230V_C_B598 Datasheet
673Kb / 16P
   PTC thermistors for overcurrent protection
B59975C120A70 EPCOS-B59975C120A70 Datasheet
305Kb / 10P
   PTC thermistors for overcurrent protection
B59404B0060A040 EPCOS-B59404B0060A040_09 Datasheet
268Kb / 10P
   PTC thermistors for overcurrent protection
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com