Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

50PT1051AXLF Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # 50PT1051AXLF
Description  50 PIN DIP ETHERNET 10/100 BASE-TX HIGH SPEED LAN MAGNETICS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

50PT1051AXLF Datasheet(HTML) 1 Page - Bothhand USA, LP.

  50PT1051AXLF Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
P/N: 50PT1051AX LF DATA SHEET
Feature
Compliant with IEEE 802.3 E and ANSI X3.263 standards
including 350uH OCL with 8mA Bias.
Symmetrical TX and RX channels for Auto MDI/MDIX
capability.
Lead free for external pins.
Operating temperature range : 0℃ to +70℃.
Storage temperature range: -25℃ to +105℃.
Electrical Specifications @ 25°C
Turns Ratio
(±5%)
Part
Number
TX
RX
OCL(uH Min)
@100KHz/0.1V
8mA DC Bias
L.L
(uH Max)
CW/W
(pF Max)
Rise Time
(nS Typ)
HI-POT
(Vrms)
50PT1051AX LF 1CT:1CT 1CT:1CT
350
0.4
56
3.0
1500
Continue
Insertion Loss
(dB Max)
Return Loss
(dB Min)
Cross talk
(dB Min)
DCMR
(dB Min)
Part
Number
0.3-100MHz
0.3-30MHz
30-60MHz
60-80MHz
0.3-100MHz
0.3-100MHz
50PT1051AX LF
-1.15
-16
-12
-10
-35
-30
Schematic
Mechanical
Max
Bothhandusa.com
50 PIN DIP ETHERNET 10/100 BASE–TX HIGH
SPEED LAN MAGNETICS
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434


Similar Part No. - 50PT1051AXLF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
50PT1051AX BOTHHAND-50PT1051AX Datasheet
290Kb / 1P
   50 PIN DIP ETHERNET 10/100 BASE-TX HIGH SPEED LAN MAGNETICS
More results

Similar Description - 50PT1051AXLF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
50PT1051AX BOTHHAND-50PT1051AX Datasheet
290Kb / 1P
   50 PIN DIP ETHERNET 10/100 BASE-TX HIGH SPEED LAN MAGNETICS
50PT1050BX BOTHHAND-50PT1050BX Datasheet
336Kb / 1P
   50 PIN DIP ETHERNET 10/100 BASE-TX HIGH SPEED LAN MAGNETICS
50PT1150AX BOTHHAND-50PT1150AX Datasheet
280Kb / 1P
   50 PIN DIP ETHERNET 10/100 BASE-TX HIGH SPEED LAN MAGNETICS
40PT1140AX BOTHHAND-40PT1140AX Datasheet
273Kb / 1P
   40 PIN DIP ETHERNET 10/100 BASE -TX HIGH SPEED LAN MAGNETICS
40PT1041AX BOTHHAND-40PT1041AX Datasheet
291Kb / 1P
   40 PIN DIP ETHERNET 10/100 BASE -TX HIGH SPEED LAN MAGNETICS
40PT1041AXLF BOTHHAND-40PT1041AXLF Datasheet
91Kb / 2P
   40 PIN DIP ETHERNET 10/100 BASE -TX HIGH SPEED LAN MAGNETICS
40PT1041RXLF BOTHHAND-40PT1041RXLF Datasheet
84Kb / 2P
   40 PIN DIP ETHERNET 10/100 BASE -TX HIGH SPEED LAN MAGNETICS
40PT1140AXLF BOTHHAND-40PT1140AXLF Datasheet
86Kb / 2P
   40 PIN DIP ETHERNET 10/100 BASE -TX HIGH SPEED LAN MAGNETICS
40ST1041AX-Y BOTHHAND-40ST1041AX-Y Datasheet
215Kb / 1P
   40 PIN SMD ETHERNET 10/100 BASE-TX HIGH SPEED LAN MAGNETICS
40ST1041AXH BOTHHAND-40ST1041AXH Datasheet
286Kb / 1P
   40 PIN SMD ETHERNET 10/100 BASE-TX HIGH SPEED LAN MAGNETICS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com