Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B59315P1080A062 Datasheet(PDF) 3 Page - EPCOS

Part # B59315P1080A062
Description  PTC thermistors for overcurrent protection
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B59315P1080A062 Datasheet(HTML) 3 Page - EPCOS

  B59315P1080A062 Datasheet HTML 1Page - EPCOS B59315P1080A062 Datasheet HTML 2Page - EPCOS B59315P1080A062 Datasheet HTML 3Page - EPCOS B59315P1080A062 Datasheet HTML 4Page - EPCOS B59315P1080A062 Datasheet HTML 5Page - EPCOS B59315P1080A062 Datasheet HTML 6Page - EPCOS B59315P1080A062 Datasheet HTML 7Page - EPCOS B59315P1080A062 Datasheet HTML 8Page - EPCOS B59315P1080A062 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Electrical specifications and ordering codes
Type
IR
mA
IS
mA
ISmax
(V = Vmax)
A
Ir
(typ.)
(V = Vmax)
mA
RR
Rmin
Ordering code
Reference temperature = Tref = 80
°C
P1315
80
165
1.6
15.0
16
9.6
B59315P1080A062
P1215
65
135
1.0
11.5
25
15.0
B59215P1080A062
P1115
40
85
0.7
9.0
55
32.2
B59115P1080A062
Reference temperature = Tref = 120
°C
P1315
150
310
1.6
20.0
16
9.6
B59315P1120A062
P1215
100
210
1.0
14.0
25
15.0
B59215P1120A062
P1115
70
145
0.7
13.0
55
32.2
B59115P1120A062
Reliability data
Test
Standard
Test conditions
∆R
25/R25
Electrical endurance,
cycling
IEC 60738-1
Room temperature, ISmax; Vmax
Number of cycles: 100
< 25%
Electrical endurance,
constant
IEC 60738-1
Storage at Vmax /Top,max (Vmax)
Test duration: 1000 h
< 25%
Damp heat
IEC 60738-1
Temperature of air: 40
°C
Relative humidity of air: 93%
Duration: 56 days
Test according to IEC 60068-2-78
< 10%
Rapid change
of temperature
IEC 60738-1
T1 = Top,min (0 V), T2 = Top,max (0 V)
Number of cycles: 5
Test duration: 30 min
Test according to IEC 60068-2-14, Test Na
< 10%
Shock
IEC 60738-1
Acceleration: 390 m/s2
Pulse duration: 6 ms; 6
× 4000 pulses
< 5%
Bending test
EN 130000/4.35
Components reflow-soldered to test board
Maximum bending: 2 mm
< 10%
Overcurrent protection
SMDs, EIA sizes 3225 and 4032, 63 V
Page 3 of 10
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B59315P1080A062

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59314A0120B010 EPCOS-B59314A0120B010 Datasheet
64Kb / 4P
   Motor Starting
B59314A0120B010 EPCOS-B59314A0120B010 Datasheet
195Kb / 9P
   PTC thermistors for motor starting
B59314A0120B010 EPCOS-B59314A0120B010 Datasheet
58Kb / 9P
   PTC thermistors for motor starting
More results

Similar Description - B59315P1080A062

ManufacturerPart #DatasheetDescription
logo
EPCOS
B5960 EPCOS-B5960 Datasheet
330Kb / 10P
   PTC Thermistors for Overcurrent Protection
B59301P1080A062 EPCOS-B59301P1080A062_09 Datasheet
319Kb / 10P
   PTC thermistors for overcurrent protection
B59750B0120A070 EPCOS-B59750B0120A070 Datasheet
410Kb / 13P
   PTC thermistors for overcurrent protection
B59810C0130A070 EPCOS-B59810C0130A070_09 Datasheet
674Kb / 16P
   PTC thermistors for overcurrent protection
B59880C0120A051 EPCOS-B59880C0120A051 Datasheet
436Kb / 16P
   PTC thermistors for overcurrent protection
B59995C120A70 EPCOS-B59995C120A70 Datasheet
305Kb / 10P
   PTC thermistors for overcurrent protection
B59607A120A62 EPCOS-B59607A120A62 Datasheet
706Kb / 27P
   PTC thermistors for overcurrent protection
OC_LEADED_230V_C_B598 EPCOS-OC_LEADED_230V_C_B598 Datasheet
673Kb / 16P
   PTC thermistors for overcurrent protection
B59975C120A70 EPCOS-B59975C120A70 Datasheet
305Kb / 10P
   PTC thermistors for overcurrent protection
B59404B0060A040 EPCOS-B59404B0060A040_09 Datasheet
268Kb / 10P
   PTC thermistors for overcurrent protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com