Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PONA3030-SC04EDC Datasheet(PDF) 5 Page - Emcore Corporation

Part # PONA3030-SC04EDC
Description  Erbium Doped Fiber Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

PONA3030-SC04EDC Datasheet(HTML) 5 Page - Emcore Corporation

  PONA3030-SC04EDC Datasheet HTML 1Page - Emcore Corporation PONA3030-SC04EDC Datasheet HTML 2Page - Emcore Corporation PONA3030-SC04EDC Datasheet HTML 3Page - Emcore Corporation PONA3030-SC04EDC Datasheet HTML 4Page - Emcore Corporation PONA3030-SC04EDC Datasheet HTML 5Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5 of 5
PRELIMINARY DATA SHEET | MARCH 21, 2008
For more information on this and other products:
Contact EMCORE sales at 626-293-3400, or visit www.emcore.com.
Ordering Information
*
PONA30
-
-
-
-
Class:
Premium: Utilizes cooled pump lasers
Economy: Utilizes uncooled pump lasers
* PONA3000 series with one or two optical outputs will have special high power output optical
connector(s) and optical bulkhead(s)
For exact model number, please contact your Sales Representative.
Qualifications
FCC: Subpart B. Part 15, class “A” Unintentional Radiators
CE: EN50083-2, 19995 with Amendment 1, which Incorporates EN 55013 Radiated and
Conducted Emissions
EN 61000-4-3 Radiated Immunity
EN 55020 Conducted Immunity
EN 61000-3-2 Harmonics
All Components Meet Telcordia GR-1312 and GR-486 Standards (Except Pumps in
Economy Class).
EN 61000-3-2 Harmonics
Information contained herein is deemed to be reliable and accurate as of issue date. EMCORE reserves the right to change the design or specifications of
the product at any time without notice. EMCORE, and the EMCORE logo are trademarks of EMCORE Corporation.
Power
Level
Connector
Options
# of Output
Ports
Class
Input Voltage
27: 27 dBm
SC: SC/APC
01: 1 port
P: Premium
AC: 90-260 VAC 50/60 Hz
30: 30 dBm
FC: FC/APC
02: 2 ports
E: Economy
DC: -48 VDC
32: 32 dBm
EC: E2000/APC
04: 4 ports
2DC: Redundant DC
35: 35 dBm
TC: SC/UPC
08: 8 ports
GC: FC/UPC
16: 16 ports
20: 20 ports
--


Similar Part No. - PONA3030-SC04EDC

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
PONA3030-SC-01-E-AC EMCORE-PONA3030-SC-01-E-AC Datasheet
563Kb / 6P
   Erbium Doped Fiber Amplifier
PONA3030-SC-01-E-DC EMCORE-PONA3030-SC-01-E-DC Datasheet
563Kb / 6P
   Erbium Doped Fiber Amplifier
PONA3030-SC-01-P-AC EMCORE-PONA3030-SC-01-P-AC Datasheet
563Kb / 6P
   Erbium Doped Fiber Amplifier
PONA3030-SC-01-P-DC EMCORE-PONA3030-SC-01-P-DC Datasheet
563Kb / 6P
   Erbium Doped Fiber Amplifier
PONA3030-SC-02-E-AC EMCORE-PONA3030-SC-02-E-AC Datasheet
563Kb / 6P
   Erbium Doped Fiber Amplifier
More results

Similar Description - PONA3030-SC04EDC

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
NMOA8100 EMCORE-NMOA8100_12 Datasheet
473Kb / 4P
   Erbium Doped Fiber Amplifier
PONA30 EMCORE-PONA30_12 Datasheet
563Kb / 6P
   Erbium Doped Fiber Amplifier
NMOA8100 EMCORE-NMOA8100 Datasheet
105Kb / 4P
   Erbium Doped Fiber Amplifier
MAFA-2000 EMCORE-MAFA-2000 Datasheet
394Kb / 4P
   Erbium Doped Fiber Micro Amplifier
MAFA-3000 EMCORE-MAFA-3000 Datasheet
328Kb / 4P
   Erbium Doped Fiber Micro Amplifier
PONA-2100 EMCORE-PONA-2100 Datasheet
481Kb / 4P
   Erbium Doped Fiber Amplifier (EDFA)
logo
JDS Uniphase Corporatio...
OAB1552-20FP0 JDSU-OAB1552-20FP0 Datasheet
90Kb / 3P
   Benchtop Erbium-Doped Fiber Amplifier
logo
Emcore Corporation
MAFA-2100-PA1 EMCORE-MAFA-2100-PA1 Datasheet
406Kb / 3P
   Micro Erbium Doped Fiber pre-Amplifier
logo
Ericsson
PGE60803 ERICSSON-PGE60803 Datasheet
246Kb / 4P
   Erbium-Doped Fiber Amplifier for Digital Applications
PGE60801 ERICSSON-PGE60801 Datasheet
234Kb / 4P
   Erbium-Doped Fiber Amplifier for Digital Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com