Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

513090688000 Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # 513090688000
Description  VDSL IN-LINE FILTER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

513090688000 Datasheet(HTML) 1 Page - Bothhand USA, LP.

  513090688000 Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
VDSL IN-LINE FILTER
P/N: 513090688000 DATA SHEET
.
A0(03/10)
Feature
!
Design to meet, UL94v-0.
!
Refer to Annex F of G993.1.
!
Operating temperature range: -10℃ to +60℃.
!
Storage temperature range: -25℃ to +75℃..
Electrical Specifications @ 25°C
Description
LPF
Passband Frequency
DC to 320KHz
Insertion Loss
-1.0dB Max. @DC〜160KHz
-[1.0+3.01*Log2(f/160k)]dB Max. @160K~320KHz
Return Loss
-11dB Min. @DC〜4KHz
-[15.0-6.02*Log2(10k/f)]dB Min. @4K~10KHz
-15dB Min. @10KHz〜160KHz
-[15.0-6.02*Log2(f/160k)]dB Min. @160KHz〜220KHz
Stopband Frequency Attenuation
-[42.14*Log2(f/320k)]dB Min. @640K〜932KHz
-65dB Min. @932KHz〜6MHz
-55dB Min. @6MHz〜12MHz
Impedance
110 ohm
Schematic
Mechanical
Connector Function
Style
Tip
Ring
J1
Line
RJ11 Plug
Pin3
Pin4
J2
PHONE
RJ11 Jack
Pin3
Pin4
Bothhandusa.com
VDSL IN-LINE FILTER
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434


Similar Part No. - 513090688000

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
513090688000 BOTHHAND-513090688000 Datasheet
237Kb / 1P
   VDSL FILTER MODULE
More results

Similar Description - 513090688000

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
VD-7068 BOTHHAND-VD-7068 Datasheet
261Kb / 1P
   VDSL IN-LINE FILTER
VD-7025 BOTHHAND-VD-7025 Datasheet
103Kb / 1P
   VDSL FILTER
VD-7028 BOTHHAND-VD-7028 Datasheet
104Kb / 1P
   VDSL FILTER
VD-7026 BOTHHAND-VD-7026 Datasheet
104Kb / 1P
   VDSL FILTER
VD-7027 BOTHHAND-VD-7027 Datasheet
103Kb / 1P
   VDSL FILTER
VP-003 BOTHHAND-VP-003 Datasheet
349Kb / 1P
   VDSL LINE TRANSFORMER
logo
MPS Industries, Inc.
B33XXG MPSIND-B33XXG Datasheet
34Kb / 1P
   VDSL Line Transformer
logo
Pulse A Technitrol Comp...
B875 PULSE-B875 Datasheet
65Kb / 1P
   VDSL LINE TRANSFORMER
logo
XFMRS Inc.
XF0083-CMC10 XFMRS-XF0083-CMC10 Datasheet
38Kb / 1P
   VDSL LINE TRANSFORMER
logo
MPS Industries, Inc.
B3315G MPSIND-B3315G Datasheet
34Kb / 1P
   VDSL Line Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com