Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B59807A0090A062 Datasheet(PDF) 2 Page - EPCOS

Part # B59807A0090A062
Description  PTC thermistors for overcurrent protection
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B59807A0090A062 Datasheet(HTML) 2 Page - EPCOS

  B59807A0090A062 Datasheet HTML 1Page - EPCOS B59807A0090A062 Datasheet HTML 2Page - EPCOS B59807A0090A062 Datasheet HTML 3Page - EPCOS B59807A0090A062 Datasheet HTML 4Page - EPCOS B59807A0090A062 Datasheet HTML 5Page - EPCOS B59807A0090A062 Datasheet HTML 6Page - EPCOS B59807A0090A062 Datasheet HTML 7Page - EPCOS B59807A0090A062 Datasheet HTML 8Page - EPCOS B59807A0090A062 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Applications
Overcurrent protection
Short circuit protection
Features
Thermistor chip with lead-free tinned
terminations
Small size
Short response times
Suitable for reflow soldering only
Suitable for automatic placement
RoHS-compatible
Delivery mode
Blister tape (case size 1210) or cardboard
tape (case size 0603), 180-mm reel with
8-mm tape, taping to IEC 60286-3
Dimensional drawings in mm
EIA case size 0603
Solder pad
EIA case size 1210
Solder pad
Recommended maximum dimensions (mm)
Overcurrent protection
SMDs, EIA sizes 0603 and 1210, 24 V, 42 V, 63 V and 230 V
Page 2 of 13
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B59807A0090A062

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59807A0090A062 EPCOS-B59807A0090A062 Datasheet
330Kb / 10P
   PTC Thermistors for Overcurrent Protection
B59807A0090A062 EPCOS-B59807A0090A062 Datasheet
706Kb / 27P
   PTC thermistors for overcurrent protection
More results

Similar Description - B59807A0090A062

ManufacturerPart #DatasheetDescription
logo
EPCOS
B5960 EPCOS-B5960 Datasheet
330Kb / 10P
   PTC Thermistors for Overcurrent Protection
B59301P1080A062 EPCOS-B59301P1080A062_09 Datasheet
319Kb / 10P
   PTC thermistors for overcurrent protection
B59315P1080A062 EPCOS-B59315P1080A062 Datasheet
328Kb / 10P
   PTC thermistors for overcurrent protection
B59750B0120A070 EPCOS-B59750B0120A070 Datasheet
410Kb / 13P
   PTC thermistors for overcurrent protection
B59810C0130A070 EPCOS-B59810C0130A070_09 Datasheet
674Kb / 16P
   PTC thermistors for overcurrent protection
B59880C0120A051 EPCOS-B59880C0120A051 Datasheet
436Kb / 16P
   PTC thermistors for overcurrent protection
B59995C120A70 EPCOS-B59995C120A70 Datasheet
305Kb / 10P
   PTC thermistors for overcurrent protection
B59607A120A62 EPCOS-B59607A120A62 Datasheet
706Kb / 27P
   PTC thermistors for overcurrent protection
OC_LEADED_230V_C_B598 EPCOS-OC_LEADED_230V_C_B598 Datasheet
673Kb / 16P
   PTC thermistors for overcurrent protection
B59975C120A70 EPCOS-B59975C120A70 Datasheet
305Kb / 10P
   PTC thermistors for overcurrent protection
B59404B0060A040 EPCOS-B59404B0060A040_09 Datasheet
268Kb / 10P
   PTC thermistors for overcurrent protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com