Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B59774B0115A070 Datasheet(PDF) 11 Page - EPCOS

Part # B59774B0115A070
Description  PTC thermistors for overcurrent protection
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B59774B0115A070 Datasheet(HTML) 11 Page - EPCOS

Back Button B59774B0115A070 Datasheet HTML 5Page - EPCOS B59774B0115A070 Datasheet HTML 6Page - EPCOS B59774B0115A070 Datasheet HTML 7Page - EPCOS B59774B0115A070 Datasheet HTML 8Page - EPCOS B59774B0115A070 Datasheet HTML 9Page - EPCOS B59774B0115A070 Datasheet HTML 10Page - EPCOS B59774B0115A070 Datasheet HTML 11Page - EPCOS B59774B0115A070 Datasheet HTML 12Page - EPCOS B59774B0115A070 Datasheet HTML 13Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Symbols and terms
A
Area
Cth
Heat capacity
f
Frequency
I
Current
Imax
Maximum current
IR
Rated current
IPTC
PTC current
Ir
Residual currrent
Ir,oil
Residual currrent in oil (for level sensors)
Ir,air
Residual currrent in air (for level sensors)
IRMS
Root-mean-square value of current
IS
Switching current
ISmax
Maximum switching current
LCT
Lower category temperature
N
Number (integer)
Nc
Operating cycles at Vmax, charging of capacitor
Nf
Switching cycles at Vmax, failure mode
P
Power
P25
Maximum power at 25
°C
Pel
Electrical power
Pdiss
Dissipation power
Rmin
Minimum resistance
RR
Rated resistance
∆R
R
Tolerance of RR
RP
Parallel resistance
RPTC
PTC resistance
Rref
Reference resistance
RS
Series resistance
R25
Resistance at 25
°C
R25,match
Resistance matching per reel/ packing unit at 25
°C
∆R
25
Tolerance of R25
T
Temperature
t
Time
TA
Ambient temperature
ta
Thermal threshold time
TC
Ferroelectric Curie temperature
Overcurrent protection
Leaded disks, uncoated, 380 V to 1000 V
B750 ... B774
Page 11 of 13
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B59774B0115A070

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59774B0115A070 EPCOS-B59774B0115A070 Datasheet
106Kb / 6P
   Leaded Disks, Uncoated, 380 V to 1000 V
B59774B0115A070 EPCOS-B59774B0115A070 Datasheet
408Kb / 13P
   PTC thermistors for overcurrent protection Leaded disks, uncoated, 380 to 1000 V
More results

Similar Description - B59774B0115A070

ManufacturerPart #DatasheetDescription
logo
EPCOS
B5960 EPCOS-B5960 Datasheet
330Kb / 10P
   PTC Thermistors for Overcurrent Protection
B59301P1080A062 EPCOS-B59301P1080A062_09 Datasheet
319Kb / 10P
   PTC thermistors for overcurrent protection
B59315P1080A062 EPCOS-B59315P1080A062 Datasheet
328Kb / 10P
   PTC thermistors for overcurrent protection
B59810C0130A070 EPCOS-B59810C0130A070_09 Datasheet
674Kb / 16P
   PTC thermistors for overcurrent protection
B59880C0120A051 EPCOS-B59880C0120A051 Datasheet
436Kb / 16P
   PTC thermistors for overcurrent protection
B59995C120A70 EPCOS-B59995C120A70 Datasheet
305Kb / 10P
   PTC thermistors for overcurrent protection
B59607A120A62 EPCOS-B59607A120A62 Datasheet
706Kb / 27P
   PTC thermistors for overcurrent protection
OC_LEADED_230V_C_B598 EPCOS-OC_LEADED_230V_C_B598 Datasheet
673Kb / 16P
   PTC thermistors for overcurrent protection
B59975C120A70 EPCOS-B59975C120A70 Datasheet
305Kb / 10P
   PTC thermistors for overcurrent protection
B59404B0060A040 EPCOS-B59404B0060A040_09 Datasheet
268Kb / 10P
   PTC thermistors for overcurrent protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com