Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B59773B0120A070 Datasheet(PDF) 3 Page - EPCOS

Part # B59773B0120A070
Description  PTC thermistors for overcurrent protection
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B59773B0120A070 Datasheet(HTML) 3 Page - EPCOS

  B59773B0120A070 Datasheet HTML 1Page - EPCOS B59773B0120A070 Datasheet HTML 2Page - EPCOS B59773B0120A070 Datasheet HTML 3Page - EPCOS B59773B0120A070 Datasheet HTML 4Page - EPCOS B59773B0120A070 Datasheet HTML 5Page - EPCOS B59773B0120A070 Datasheet HTML 6Page - EPCOS B59773B0120A070 Datasheet HTML 7Page - EPCOS B59773B0120A070 Datasheet HTML 8Page - EPCOS B59773B0120A070 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Electrical specifications and ordering codes
Type
IR
mA
IS
mA
ISmax
(V = Vmax)
A
tS
(Vmax,
ISmax)
s
Ir
(typ.)
(V = Vmax)
mA
RR
Rmin
Ordering code
Vmax = 440 V, VR = 380 V, Tref = 120
°C, ∆R
R =
±25 %
B750
123
245
4.0
< 6
4.0
25
13
B59750B0120A070
B751
87
173
4.0
< 4
3.5
50
26
B59751B0120A070
B752
69
137
4.0
< 4
3.5
80
42
B59752B0120A070
B753
56
112
4.0
< 3
3.0
120
63
B59753B0120A070
B754
50
100
4.0
< 3
3.0
150
68
B59754B0120A070
B770
64
127
2.8
< 4
3.5
70
45
B59770B0120A070
B771
49
97
2.8
< 3
2.5
120
76
B59771B0120A070
B772
43
86
2.8
< 3
2.5
150
96
B59772B0120A070
Vmax = 550 V, VR = 500 V, Tref = 115
°C, ∆R
R =
±25 %
B755
28
55
1.4
< 3
2.0
500
230
B59755B0115A070
B774
16
32
1.0
< 2
1.5
1100
700
B59774B0115A070
Vmax = 550 V, VR = 500 V, Tref = 120
°C, ∆R
R =
±25 %
B773
24
48
1.0
< 3
2.0
500
320
B59773B0120A070
Vmax = 1000 V, VR = 1000 V, Tref = 110
°C, ∆R
R =
±33 %
B758
8
17
0.5
< 3
3.0
7500
3380
B59758B0110A070
Overcurrent protection
Leaded disks, uncoated, 380 V to 1000 V
B750 ... B774
Page 3 of 13
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B59773B0120A070

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59773B0120A070 EPCOS-B59773B0120A070 Datasheet
106Kb / 6P
   Leaded Disks, Uncoated, 380 V to 1000 V
B59773B0120A070 EPCOS-B59773B0120A070 Datasheet
408Kb / 13P
   PTC thermistors for overcurrent protection Leaded disks, uncoated, 380 to 1000 V
More results

Similar Description - B59773B0120A070

ManufacturerPart #DatasheetDescription
logo
EPCOS
B5960 EPCOS-B5960 Datasheet
330Kb / 10P
   PTC Thermistors for Overcurrent Protection
B59301P1080A062 EPCOS-B59301P1080A062_09 Datasheet
319Kb / 10P
   PTC thermistors for overcurrent protection
B59315P1080A062 EPCOS-B59315P1080A062 Datasheet
328Kb / 10P
   PTC thermistors for overcurrent protection
B59810C0130A070 EPCOS-B59810C0130A070_09 Datasheet
674Kb / 16P
   PTC thermistors for overcurrent protection
B59880C0120A051 EPCOS-B59880C0120A051 Datasheet
436Kb / 16P
   PTC thermistors for overcurrent protection
B59995C120A70 EPCOS-B59995C120A70 Datasheet
305Kb / 10P
   PTC thermistors for overcurrent protection
B59607A120A62 EPCOS-B59607A120A62 Datasheet
706Kb / 27P
   PTC thermistors for overcurrent protection
OC_LEADED_230V_C_B598 EPCOS-OC_LEADED_230V_C_B598 Datasheet
673Kb / 16P
   PTC thermistors for overcurrent protection
B59975C120A70 EPCOS-B59975C120A70 Datasheet
305Kb / 10P
   PTC thermistors for overcurrent protection
B59404B0060A040 EPCOS-B59404B0060A040_09 Datasheet
268Kb / 10P
   PTC thermistors for overcurrent protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com