Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD-5960S Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # AD-5960S
Description  ADSL LINE TRANSFORMER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

AD-5960S Datasheet(HTML) 1 Page - Bothhand USA, LP.

  AD-5960S Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
P/N: AD-5960S DATA SHEET
Feature
!
Excellent Longitudinal Balance performance.
!
Operating temperature range: 0℃ to+60℃.
!
Storage temperature range: -25℃ to +75℃.
Electrical Specifications @ 25°C
Turn Ratio
(±2%)
OCL (uH±10%)
@ 10KHz/0.1V
Leakage Inductance (uH Max)
@ 100KHz/0.1V
Part
Number
Mounting
(6-10):(5-1)
(6-10),(9+7)short
(6-10),(7+9,1+4+2+5)short
Longitudinal
Balance(dB Min)
(100KHz-1MHz)
AD-5960S
SMT
3.3:1
800
15
-45
Additional Specifications
DC Resistance
(Ω Max)
Part
Number
(6-9)
(5-2)
Inter winding Capacitance (pF Max)
@ 100KHz/0.1V
(6-5),( 7+9,2+4)short
Isolation Voltage
(Vrms)
AD-5960S
0.65
0.24
20
1875
Schematic
Mechanical
Bothhandusa.com
ADSL LINE TRANSFORMER
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434


Similar Part No. - AD-5960S

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
AD-5961S BOTHHAND-AD-5961S Datasheet
378Kb / 1P
   ADSL LINE TRANSFORMER
More results

Similar Description - AD-5960S

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
AD-2013 BOTHHAND-AD-2013 Datasheet
54Kb / 1P
   ADSL LINE TRANSFORMER
AD-2016 BOTHHAND-AD-2016 Datasheet
52Kb / 1P
   ADSL LINE TRANSFORMER
AD-2031 BOTHHAND-AD-2031 Datasheet
54Kb / 1P
   ADSL LINE TRANSFORMER
AD-2926S BOTHHAND-AD-2926S Datasheet
255Kb / 1P
   ADSL LINE TRANSFORMER
AD-2951 BOTHHAND-AD-2951 Datasheet
361Kb / 1P
   ADSL LINE TRANSFORMER
AD-5028S BOTHHAND-AD-5028S Datasheet
255Kb / 1P
   ADSL LINE TRANSFORMER
AD-5970S BOTHHAND-AD-5970S Datasheet
254Kb / 1P
   ADSL LINE TRANSFORMER
logo
XFMRS Inc.
XFADSL46 XFMRS-XFADSL46 Datasheet
70Kb / 1P
   ADSL Line Transformer
logo
Bothhand USA, LP.
AD-2181 BOTHHAND-AD-2181 Datasheet
60Kb / 1P
   ADSL LINE TRANSFORMER
AD-5070S BOTHHAND-AD-5070S Datasheet
96Kb / 1P
   ADSL LINE TRANSFORMER
XM-6027S BOTHHAND-XM-6027S Datasheet
71Kb / 1P
   ADSL LINE TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com