Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTV-733HS Datasheet(PDF) 5 Page - Lite-On Technology Corporation

Part # LTV-733HS
Description  Property of LITE-ON Only
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTV-733HS Datasheet(HTML) 5 Page - Lite-On Technology Corporation

  LTV-733HS Datasheet HTML 1Page - Lite-On Technology Corporation LTV-733HS Datasheet HTML 2Page - Lite-On Technology Corporation LTV-733HS Datasheet HTML 3Page - Lite-On Technology Corporation LTV-733HS Datasheet HTML 4Page - Lite-On Technology Corporation LTV-733HS Datasheet HTML 5Page - Lite-On Technology Corporation LTV-733HS Datasheet HTML 6Page - Lite-On Technology Corporation LTV-733HS Datasheet HTML 7Page - Lite-On Technology Corporation LTV-733HS Datasheet HTML 8Page - Lite-On Technology Corporation LTV-733HS Datasheet HTML 9Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of LITE-ON Only
ABSOLUTE MAXIMUM RATING
( Ta = 25
°C )
PARAMETER
SYMBOL
RATING
UNIT
Forward Current
IF
±150
mA
INPUT
Power Dissipation
P
230
mW
Collector - Emitter Voltage
VCEO
35
V
Emitter - Collector Voltage
VECO
6
V
Collector - Base Voltage
VCBO
35
V
Emitter - Base Voltage
VEBO
6
V
Collector Current
IC
80
mA
OUTPUT
Collector Power Dissipation
PC
160
mW
Total Power Dissipation
Ptot
320
mW
*1
Isolation Voltage
Viso
5,000
Vrms
Operating Temperature
Topr
-30 ~ +100
°C
Storage Temperature
Tstg
-55 ~ +125
°C
*2
Soldering Temperature
Tsol
260
°C
*1. AC For 1 Minute, R.H. = 40 ~ 60%
Isolation voltage shall be measured using the following method.
(1) Short between anode and cathode on the primary side and between collector and
emitter on the secondary side.
(2) The isolation voltage tester with zero-cross circuit shall be used.
(3) The waveform of applied voltage shall be a sine wave.
*2. For 10 Seconds
Part No. : LTV-733H ( M, S, -TA1 )
Page :
5of 9
BNS-OD-C131/A4


Similar Part No. - LTV-733HS

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV-733HS TENAND-LTV-733HS Datasheet
268Kb / 9P
   Property of Lite-On Only
LTV-733HS-TA1 TENAND-LTV-733HS-TA1 Datasheet
268Kb / 9P
   Property of Lite-On Only
More results

Similar Description - LTV-733HS

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV-852 TENAND-LTV-852 Datasheet
337Kb / 10P
   Property of LITE-ON Only
LTV-3120 TENAND-LTV-3120 Datasheet
478Kb / 18P
   Property of Lite-on Only
LTV-815 TENAND-LTV-815 Datasheet
412Kb / 13P
   Property of LITE-ON Only
logo
Lite-On Technology Corp...
LTW-020ZDCG5 LITEON-LTW-020ZDCG5 Datasheet
447Kb / 11P
   Property of Lite-On Only
LTH-306-18 LITEON-LTH-306-18 Datasheet
150Kb / 4P
   Property of Lite-On Only
LTH-306-64 LITEON-LTH-306-64 Datasheet
275Kb / 6P
   Property of Lite-On Only
LTH-326-02W2 LITEON-LTH-326-02W2 Datasheet
154Kb / 4P
   Property of Lite-On Only
LTH-860-P51W1 LITEON-LTH-860-P51W1 Datasheet
164Kb / 5P
   Property of Lite-On Only
LTV-733 LITEON-LTV-733 Datasheet
220Kb / 9P
   Property of LITE-ON Only
LTV-816-T LITEON-LTV-816-T Datasheet
271Kb / 10P
   Property of Lite-On Only
LTW-C230DC LITEON-LTW-C230DC Datasheet
591Kb / 10P
   Property of Lite-On Only
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com